Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU8-002-1000 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # LU8-002-1000
Description  Cable assembly - Standardportfolio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LU8-002-1000 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LU8-002-1000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LU8-002-1000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Cable assembly - Standardportfolio
RPC-2.40 Plug / RPC-2.40 Plug – RTK 125
LU8-002-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances: ± 3mm for A ≤ 300 mm; ± 1% for A > 300 mm
Available variants
Type
max. Insertion loss at 50 GHz
Marking
Weight (g) / pce
LU8-002-XXX
≤ 0.00397 dB/mm * A mm + 0.90 dB
ROSENBERGER YYYY-WW
LU8-002-XXX
FAC-RRRRRRR
ssss
0.0263 g/mm * A mm + 20 g
XXX – length in mm = A
WW – week
YYYY – year
ssss – serial no.
FAC – Factory Code
RRRRRRR – lot nr.
Assembly parts
Connector left
RPC-2.40 plug
09S121-2U8S3
Connector right
RPC-2.40 plug
09S121-2U8S3
Cable
RTK 125
Electrical data
Impedance
50
Frequency
DC to 50 GHz
Return loss
1
≥ 16,5 dB, DC to 50 GHz
Insertion loss
1
see table available variants
Shielding Effectiveness
≥ 100 dB up to 1 GHz
Individual testing and documentation:
Measurement plot with all 4 S-Parameters (S11; S22; S21; S12) is included with the cable assembly and on the
backside the care and handling instruction is printed. Measurement adaptors used are mentioned in the
commentary field.
1 Including measurement adaptor if necessary


Similar Part No. - LU8-002-1000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU8-002-1500 ROSENBERGER-LU8-002-1500 Datasheet
116Kb / 2P
   Cable assembly - Standardportfolio
More results

Similar Description - LU8-002-1000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU5-104-300 ROSENBERGER-LU5-104-300 Datasheet
539Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-300 ROSENBERGER-LU5-100-300 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-500 ROSENBERGER-LU5-100-500 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-300 ROSENBERGER-LU5-101-300 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-1000 ROSENBERGER-LU5-101-1000 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU8-102-500 ROSENBERGER-LU8-102-500 Datasheet
77Kb / 2P
   Cable assembly - Standardportfolio
LU7-153-500 ROSENBERGER-LU7-153-500 Datasheet
79Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-500 ROSENBERGER-LU7-036-500 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-1500 ROSENBERGER-LU7-036-1500 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-750 ROSENBERGER-LU5-101-750 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-2000 ROSENBERGER-LU7-036-2000 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com