Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54-02V-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAT54-02V-GS08
Description  Schottky Diode in SOD-523
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54-02V-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAT54-02V-GS08 Datasheet HTML 1Page - Vishay Siliconix BAT54-02V-GS08 Datasheet HTML 2Page - Vishay Siliconix BAT54-02V-GS08 Datasheet HTML 3Page - Vishay Siliconix BAT54-02V-GS08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT54-02V
Document Number 85633
Rev. 1.4, 12-Dec-05
Vishay Semiconductors
www.vishay.com
1
18554
1
2
1
2
Small Signal Schottky Diode
Features
• These diodes feature very low turn-on volt-
age and fast switching
• These devices are protected by a PN junc-
tion guard ring against excessive voltage,
such as electrostatic discharges
• Space saving SOD-523 package
• Lead (Pb)-free component
• Component in accordance to
RoHS 2002/95/EC and WEEE 2002/96/EC
Mechanical Data
Case: SOD-523 Plastic case
Weight: approx. 1.6 mg
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/4 x 10 sec. at terminals
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Type Marking
Remarks
BAT54-02V
BAT54-02V-GS18 or BAT54-02V-GS08
V
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse
voltage=Working peak reverse
voltage
VRRM
30
V
Forward continuous current
IF
200
mA
Repetitive peak forward current
IFRM
300
mA
Surge forward current
IFSM
600
mA
Power dissipation
Ptot
230
mW
e3


Similar Part No. - BAT54-02V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54-02V-V-G VISHAY-BAT54-02V-V-G Datasheet
62Kb / 4P
   Small Signal Schottky Diode
Rev. 1.0, 14-Oct-10
BAT54-02V-V-G VISHAY-BAT54-02V-V-G Datasheet
85Kb / 4P
   Small Signal Schottky Diode
13-Jun-16
BAT54-02V-V-G VISHAY-BAT54-02V-V-G_15 Datasheet
78Kb / 5P
   Small Signal Schottky Diode
Rev. 1.1, 21-Jan-13
BAT54-02V-V-G VISHAY-BAT54-02V-V-G_V01 Datasheet
85Kb / 4P
   Small Signal Schottky Diode
13-Jun-16
More results

Similar Description - BAT54-02V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS40-02V VISHAY-BAS40-02V Datasheet
53Kb / 3P
   Schottky Diode in SOD-523
Rev. 1.2, 26-Apr-04
VESD05A1B-02V VISHAY-VESD05A1B-02V Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESDXX-02V VISHAY-VESDXX-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
BAR63V-02V VISHAY-BAR63V-02V Datasheet
153Kb / 4P
   RF PIN Diode - Single in SOD-523
Rev. 1.5, 29-Jun-05
VESD01-02V VISHAY-VESD01-02V_10 Datasheet
63Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESD05A1B-02V-GS08 VISHAY-VESD05A1B-02V-GS08 Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESD05B1-02V VISHAY-VESD05B1-02V Datasheet
112Kb / 6P
   Single ESD-Protection Diode in SOD-523
Rev. 1.2, 05-Aug-2020
VESD05A1-02V VISHAY-VESD05A1-02V_V01 Datasheet
107Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2019
VESD05B1-02V VISHAY-VESD05B1-02V_V01 Datasheet
113Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
VESD05A1-02V VISHAY-VESD05A1-02V_V02 Datasheet
118Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com