Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQ3225B-25.000 Datasheet(PDF) 1 Page - Fox Electronics

Part # FQ3225B-25.000
Description  Resin Sealed SMD Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FQ3225B-25.000 Datasheet(HTML) 1 Page - Fox Electronics

  FQ3225B-25.000 Datasheet HTML 1Page - Fox Electronics FQ3225B-25.000 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
FEATURES
• Surface Mount Resin Sealed
• Low Cost
• Ultra Low Profile
• Fundamental
• Tape and Reel (3,000 pcs STD)
• PART NUMBER SELECTION
1
Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements.
NOTE: The above specifications, having been carefully prepared and checked, is believed to be
accurate at the time of publication; however , no responsibility is assumed by Fox Electronics
for inaccuracies.
If you have any questions, please call Customer Support at 1-888-GET-2-FOX.
All specifications subject to change without notice.
PARAMETERS
Frequency Range
(Fo)
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
12.000 ~ 50.000 MHz
±50 PPM 1
±50 PPM 1
-10ºC ~ +70ºC 1
-55ºC ~ +125ºC
7 pF
7 pF ~ Series
(Customer Specified)
0.1 mW
±5 PPM
260ºC / 10 Seconds
1
Au
• STANDARD SPECIFICATIONS1
12.000 ~ 50.000
FQ3225B
Model Number
Part Number
820-Frequency-xxxxx
• PART NUMBER
Frequency Range (MHz)
MAX (unless otherwise noted)
Resin Sealed SMD Crystal
Rev. 5/5/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FQ3225B Series
Page 1 of 2
12.000 ~ 15.999999
16.000 ~ 20.000
20.000+ ~ 25.000
25.000+ ~ 30.000
30.000+ ~ 50.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
120
100
80
60
50
Operating Mode
Max ESR Ω
T o p
Recom m ended
Solder pad layout
View
0.9
1.3
1.2
0.5
0.9
1.0
3.2 ±0.2
2.5 ±0.2
1.1 M ax
Bottom View
All dimensions are in millimeters


Similar Part No. - FQ3225B-25.000

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
More results

Similar Description - FQ3225B-25.000

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ1045AR-3.6864 FOX-FQ1045AR-3.6864 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-49152 FOX-FQ1045A-49152 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com