Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-5972Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5972Z
Description  Evaluation PCB description
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5972Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-5972Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
3. Electro-Optical Test Configuration
The two basic test configurations for evaluating the AFBR-
5972Z module are shown in Figure 4 (transmitter) and
Figure 5 (receiver). The transceiver module can be char-
acterized for optical/electrical characteristics such as eye
diagram, rise and fall time, jitter, and current consump-
tion. Low loss and matched equal length RF cables should
be used to connect the TD+/- and RD+/- signals to the test
equipment. The current consumption measurement is for
the whole transceiver, transmitter and receiver.
Transmitter Measurement Configuration
Figure 4 shows the transmitter measurement configura-
tion. The transmitter characteristics can be tested for light
optical power (LOP), rise and fall time, and jitter perfor-
mance, including the eye diagram measurement. In this
configuration, the receiver section is not used; however,
it is recommended that RD+ and RD- be terminated with
50
Ω matched loads. It is also recommended that a low
loss and equal length RF cable can be used to connect
TD+ and TD- to the test equipment.
Figure 4. Transmitter measurement setup configuration
Figure 5. Receiver measurement setup configuration
Receiver Configuration
Figure 5 shows the receiver measurement configuration.
The 1 m POF cable, which is provided with the evalua-
tion kit, is used to obtain a transmission link between
transmitter and receiver. The gray simplex connector
is connected to the transmitter, and the blue simplex
connector is connected to the receiver. The receiver char-
acteristics can be tested for current consumption, rise and
fall time, and jitter performance, including an eye diagram
measurement.
Results
The measurements are carried out using the configura-
tion shown in Figure 4 and Figure 5. The pattern generator
is set to a PRBS 27-1 pattern and data rate of 125 Mbit/s
with LVDS compatible differential signals. The transmitter
light optical power (LOP), measured with an optical power
meter (OPM) at 650 nm, was -5.57 dBm with a current con-
sumption of 78 mA @ 3.3 V supply voltage.
Figure 6 shows the transmitter eye diagram after the
optical-to-electrical converter block.
Figure 7 shows the receiver eye diagram measured with
the differential probe at DP, as shown in Figure 3(a). The
current consumption is 79 mA. The SD voltage is 1.63 V
with no optical input and 2.33 V with an optical signal.


Similar Part No. - AFBR-5972Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5972Z AVAGO-AFBR-5972Z Datasheet
237Kb / 7P
   Compact 650nm Transceiver with Compact Versatile-Link connector for Fast Ethernet over POF
More results

Similar Description - AFBR-5972Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2031 STMICROELECTRONICS-AN2031 Datasheet
210Kb / 12P
   EVALUATION BOARD DESCRIPTION
logo
Infineon Technologies A...
Z8F80147930 INFINEON-Z8F80147930 Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
logo
Melexis Microelectronic...
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
logo
Pulse A Technitrol Comp...
W3919XXXX PULSE-W3919XXXX Datasheet
706Kb / 11P
   Description: 5GHz PCB antenna
logo
Melexis Microelectronic...
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com