Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQY277 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AQY277
Description  PD Type 1- channel (Form A) Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQY277 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQY277 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQY277 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQY277 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQY277 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
192
1
2
4
3
PD Type
1- channel (Form A) Type
mm inch
8.8
±0.2
.346
±.008
3.9
±0.2
.154
±.008
9.3
±0.2
.366
±.008
8.8
±0.2
.346
±.008
3.7
±0.2
.146
±.008
9.3
±0.2
.366
±.008
FEATURES
1. Flat-Packaged Type (W) 8.8
× (D) 9.3×
(H) 3.9mm (W) .346
× (D) .366× (H)
.154inch
2. High capacity
Supports the various types of load con-
trol, from very small loads to a maximum
2A at the rated load voltage 60V
(AQY272)
3. High sensitivity
• Low ON resistance
A maximum 2A load can be controlled
with a 5mA input curren. The ON resis-
tance is low at 0.11
Ω (AQY272)
TYPICAL APPLICATIONS
• Measuring and Testing equipment
• IC Testers and Board Testers
• High speed inspection machines
TYPES
* Indicate the peak AC and DC values.
Note: For space reasons, the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal.
Type
Output rating*
Part No.
Packing quantity
Load
voltage
Load
current
Through hole
terminal
Surface-mount terminal
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2-pin side
Picked from the
3/4-pin side
AC/DC
60V
2.0A
AQY272
AQY272A
AQY272AX
AQY272AZ
1 tube contains
50 pcs.
1 batch contains
1,000 pcs.
1,000 pcs.
100V
1.3A
AQY275
AQY275A
AQY275AX
AQY275AZ
200V
0.65A
AQY277
AQY277A
AQY277AX
AQY277AZ
400V
0.35A
AQY274
AQY274A
AQY274AX
AQY274AZ
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
AQY272
AQY275
AQY277
AQY274
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
60 V
100 V
200 V
400 V
Continuous load current
(Peak AC)
IL
2.0 A
1.3 A
0.65 A
0.35 A
Peak load current
Ipeak
6.0 A
4.0 A
2.0 A
1.0 A
100ms (1 shot), VL = DC
Power dissipation
Pout
700 mW
Total power dissipation
PT
750 mW
I/O isolation voltage
Viso
2,500 V AC
Temperture limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low
temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
PhotoMOS
RELAYS


Similar Part No. - AQY277

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY27 PANASONIC-AQY27 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQY27 ETC2-AQY27 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQY27 ETC2-AQY27 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQY27 ETC-AQY27 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQY27 ETC2-AQY27 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQY277

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
   HF (High Function) Type [1-Channel (Form A) Type]
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com