Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-6130-001 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6130-001
Description  Optical Mouse Designer?셲 Kit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6130-001 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6130-001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Left Button
ADNS-6000
Optical Mouse Sensor
Wheel Button
Right Button
Z Optics
Sunplus SPCP825A
USB Controller
USB interface
MISO
MOSI
SCLK
NCS
D+/D-
SCLK/SDATA
VREG
1.3k Ohm
Avago Technologies
Firmware Configurable GPIO
The reference firmware is configured to use the GPIO pins
as shown on the schematic in Appendix A. However, it
may be more optimal to use a different I/O configuration
to meet the mechanical constraints of PCB design. The
reference firmware is designed to be easily configured
to another set of pin connections. This is accomplished
through changes in the I/O definitions at the beginning
of the SPCP825A_A6000.asm listing. The following state-
ments are the pin definitions as they exist today. The
firmware will use these definitions to read and configure
the GPIO pins, without any other modifications.
Communications between the Sunplus SPCP825A and
the ADNS-6000 are done through the integrated SPI
interface. The serial port cannot be activated while the
chip is in power down mode (NPD low) or reset (RESET
high). When the SPI is enabled thru PB0 (NCS), the PB2
(SCLK), PB1 (MISO) and PB3 (MOSI) GPIO pins serve
special functions to enable the SPI interface to talk with
external hardware. During normal operation, the Sunplus
SPCP825A SPI is always configured as a Master to output
the serial clock on PB7. Therefore, the USB microcontroller
always initiates communication. Data sent by the ADNS-
6000 optical sensor is received on the PB1 (MISO), and
data is shifted out to the ADNS-6000 through the PB3
(MOSI). See the schematic in Appendix A. When writing
to the ADNS-6000, the microcontroller drive both the
SCLK and the MOSI lines. When reading from the ADNS-
6000, the microcontroller drives both the SCLK and MOSI
lines initially. After tSRAD delay, the ADNS-6000 will drive
Figure 1. Sunplus SPCP825A - ADNS-6000 Optical Mouse Hardware Block Diagram
Hardware Implementation
The standard hardware to implement a mouse is shown
in Figure 1. For X and Y movement, the optical sensor
is used. The Z- wheel movement is detected by a set of
optical sensors that output quadrature signals. For each
button there is a switch that is pulled up internally by the
built in pull up resistors. The D - line is pulled up via a 1.3k
ohm resistor connected to the VREG pin.


Similar Part No. - ADNS-6130-001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6130-001 HP-ADNS-6130-001 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6130-001 BOARDCOM-ADNS-6130-001 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6130-001 AVAGO-ADNS-6130-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6130-001 BOARDCOM-ADNS-6130-001 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6130-001 AVAGO-ADNS-6130-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
More results

Similar Description - ADNS-6130-001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com