Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC49SLF Datasheet(PDF) 1 Page - Fox Electronics

Part # HC49SLF
Description  Resistance Weld Thru-Hole Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC49SLF Datasheet(HTML) 1 Page - Fox Electronics

  HC49SLF Datasheet HTML 1Page - Fox Electronics HC49SLF Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
OPTIONS
• Tolerances to 10 PPM
• Stabilities to 5 PPM
• Temperatures to -55ºC ~ +125ºC
• 2.5mm Height Max (HC49SSLF)
FEATURES
• Low Cost
• Stocking Standard (see page 2)
• Fundamental to 40 MHz
• Resistance Weld
3.200 ~ 80.000
HC49SLF
Model Number
Part Number
277LF-Frequency-xxxxx
• PART NUMBER
Frequency Range (MHz)
Resistance Weld Thru-Hole Crystal
Rev. 3/30/2015
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49SLF
Page 1 of 2
All dimensions are in millimeters.
TERMINATION FINISH: Sn/3.0Ag/0.5Cu
3.200 ~ 80.000 MHz
±50 PPM 1,3
±50 PPM 1
-20ºC ~ +70ºC 2
-40ºC ~ +125ºC
7pF
10 pF ~ Series
(Customer Specified)
0.5 mW (0.1 mW Typical)
±3 PPM
260ºC / 10 Seconds
1
Sn/Ag/Cu
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish:
• STANDARD SPECIFICATIONS1
PARAMETERS
MAX (unless otherwise noted)
1 Other tolerances, stabilities available. Consult Fox Customer Service for specific requirements.
2 Operating temperature ranges to -55ºC ~ +125ºC available.
3 Crystal has a ±30ppm tolerance specification for all standard part numbers. These part numbers
are listed on page 2 of this datasheet.
Note: Dimensional drawing is for reference to critical specifications defined by size measure¬ments.
Certain non-critical visual attributes, such as side castellations, etc. may vary.
All specifications subject to change without notice.
3.200 ~ 3.500
3.500+ ~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 9.000
9.000+ ~ 13.000
13.000+ ~ 20.000
20.000+ ~ 40.000
27.000 ~ 70.000
70.000+ ~ 80.000
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
3rd OT
300
200
150
120
100
80
60
40
30
100
80
Operating Mode
Max ESR
Frequency Range
(MHz)


Similar Part No. - HC49SLF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF Datasheet
365Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
   Resistance Weld Thru-Hole Crystal
More results

Similar Description - HC49SLF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC80U FOX-HC80U Datasheet
65Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49U FOX-HC49U Datasheet
61Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXLF036S FOX-FOXLF036S Datasheet
161Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-036S FOX-FOXSLF-036S Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
logo
List of Unclassifed Man...
FOXLF240F-20 ETC2-FOXLF240F-20 Datasheet
70Kb / 2P
   RESISTANCE WELD THRU-HOLE CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com