Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM200N04-1m7L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQM200N04-1m7L
Description  Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM200N04-1m7L Datasheet(HTML) 1 Page - Vishay Siliconix

  SQM200N04-1m7L Datasheet HTML 1Page - Vishay Siliconix SQM200N04-1m7L Datasheet HTML 2Page - Vishay Siliconix SQM200N04-1m7L Datasheet HTML 3Page - Vishay Siliconix SQM200N04-1m7L Datasheet HTML 4Page - Vishay Siliconix SQM200N04-1m7L Datasheet HTML 5Page - Vishay Siliconix SQM200N04-1m7L Datasheet HTML 6Page - Vishay Siliconix SQM200N04-1m7L Datasheet HTML 7Page - Vishay Siliconix SQM200N04-1m7L Datasheet HTML 8Page - Vishay Siliconix SQM200N04-1m7L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SQM60030E
www.vishay.com
Vishay Siliconix
S15-2916-Rev. A, 14-Dec-15
1
Document Number: 67284
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
FEATURES
• TrenchFET® power MOSFET
• Package with low thermal resistance
• AEC-Q101 qualified d
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR4 material).
d. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
80
RDS(on) () at VGS = 10 V
0.0032
ID (A)
120
Configuration
Single
D
G
S
N-Channel MOSFET
TO-263
Top View
G
D
S
G
D
S
ORDERING INFORMATION
Package
TO-263
Lead (Pb)-free and Halogen-free
SQM60030-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
80
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current a
TC = 25 °C
ID
120
A
TC = 125 °C
120
Continuous Source Current (Diode Conduction) a
IS
120
Pulsed Drain Current b
IDM
250
Single Pulse Avalanche Current
L = 0.1 mH
IAS
70
Single Pulse Avalanche Energy
EAS
245
mJ
Maximum Power Dissipation b
TC = 25 °C
PD
375
W
TC = 125 °C
125
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount c
RthJA
40
°C/W
Junction-to-Case (Drain)
RthJC
0.4


Similar Part No. - SQM200N04-1m7L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM200N04-1M7L VISHAY-SQM200N04-1M7L Datasheet
109Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 13-Aug-12
SQM200N04-1m7L VISHAY-SQM200N04-1m7L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM200N04-1m7L VISHAY-SQM200N04-1m7L Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM200N04-1M7L VISHAY-SQM200N04-1M7L Datasheet
176Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQM200N04-1M7L VISHAY-SQM200N04-1M7L Datasheet
207Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
More results

Similar Description - SQM200N04-1m7L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA92EP VISHAY-SQJA92EP Datasheet
225Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQJA94EP VISHAY-SQJA94EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA80EP VISHAY-SQJA80EP Datasheet
188Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 22-Sep-16
SQJA84EP VISHAY-SQJA84EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA86EP VISHAY-SQJA86EP Datasheet
220Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 03-Oct-16
SQJQ186ER VISHAY-SQJQ186ER_V01 Datasheet
182Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQSA82CENW VISHAY-SQSA82CENW_V01 Datasheet
189Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA86EP VISHAY-SQJA86EP_V02 Datasheet
279Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA96EP VISHAY-SQJA96EP_V02 Datasheet
278Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ186EP VISHAY-SQJ186EP_V02 Datasheet
323Kb / 8P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA84EP VISHAY-SQJA84EP_V02 Datasheet
293Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com