Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7060K Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7060K
Description  Dual Controllers - Step Down Synchronous PWM and Linear Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7060K Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7060K Datasheet HTML 7Page - Anpec Electronics Coropration APW7060K Datasheet HTML 8Page - Anpec Electronics Coropration APW7060K Datasheet HTML 9Page - Anpec Electronics Coropration APW7060K Datasheet HTML 10Page - Anpec Electronics Coropration APW7060K Datasheet HTML 11Page - Anpec Electronics Coropration APW7060K Datasheet HTML 12Page - Anpec Electronics Coropration APW7060K Datasheet HTML 13Page - Anpec Electronics Coropration APW7060K Datasheet HTML 14Page - Anpec Electronics Coropration APW7060K Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Oct., 2003
APW7060
www.anpec.com.tw
11
P
UPPER = Iout
2 (1+ TC)(R
DS(ON))D + (0.5)(Iout)(VIN)(tsw)FS
P
LOWER = Iout
2 (1+ TC)(R
DS(ON))(1-D)
where I
OUT is the load current
TC is the temperature dependency of R
DS(ON)
F
S is the switching frequency
t
sw is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction losses while
the upper MOSFET include an additional transition
loss.The switching internal, t
sw, is a function of the
reverse transfer capacitance C
RSS. Figure 4 illustrates
the switching waveform of the MOSFET.
The (1+TC) term is to factor in the temperature depen-
dency of the R
DS(ON) and can be extracted from the
“R
DS(ON) vs Temperature” curve of the power MOSFET.
Linear Regulator Input/Output Capacitor Selec-
tion
The input capacitor is chosen based on its voltage
rating. Under load transient condition, the input ca-
pacitor will momentarily supply the required transient
current. A 1uF ceramic capacitor will be sufficient in
most applications.
The output capacitor for the linear regulator is chosen
to minimize any droop during load transient condition.
In addition, the capacitor is chosen based on its volt-
age rating.
Linear Regulator MOSFET Selection
In addition to choosing the pass MOSFET for its abil-
ity to sustain the load current requirement (see Maxi-
mum Output Voltage of Linear Controller), another cri-
teria is its efficiency of heat removal. The power dissi-
pated by the MOSFET is given by:
Pdiss = Iout * (V
IN - VOUT2)
Inductor Selection
The inductance of the inductor is determined by the
output voltage requirement. The larger the inductance,
the lower the inductor’s current ripple. This will trans-
late into lower output ripple voltage. The ripple current
and ripple voltage can be approximated by:
I
RIPPLE =
L
Fs
V
V
OUT
-
IN
×
∆V
OUT = IRIPPLE x ESR
where Fs is the switching frequency of the regulator.
There is a tradeoff exists between the inductor’s ripple
current and the regulator load transient response time
A smaller inductor will give the regulator a faster load
transient response at the expense of higher ripple cur-
rent and vice versa. The maximum ripple current oc-
curs at the maximum input voltage. A good starting
point is to choose the ripple current to be approxi-
mately 30% of the maximum output current.
Once the inductance value has been chosen, select
an inductor that is capable of carrying the required
peak current without going into saturation. In some
type of inductors, especially core that is make of
ferrite, the ripple current will increase abruptly when it
saturates. This will result in a larger output ripple
voltage.
PWM Regulator MOSFET Selection
The selection of the N-channel power MOSFETs are
determined by the R
DS(ON), reverse transfer capacitance
(C
RSS) and maximum output current requirement.The
losses in the MOSFETs have two components: con-
duction loss and transition loss. For the upper and
lower MOSFET, the losses are approximately given
by the following :
Application Information
IN
OUT
V
V
×


Similar Part No. - APW7060K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7061 ANPEC-APW7061 Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
APW7061KC-TR ANPEC-APW7061KC-TR Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
APW7061KC-TRL ANPEC-APW7061KC-TRL Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
APW7061KC-TU ANPEC-APW7061KC-TU Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
APW7061KC-TUL ANPEC-APW7061KC-TUL Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7060K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com