Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7060KC-TU Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7060KC-TU
Description  Dual Controllers - Step Down Synchronous PWM and Linear Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7060KC-TU Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7060KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APW7060KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW7060KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW7060KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW7060KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW7060KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW7060KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW7060KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW7060KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Oct., 2003
APW7060
www.anpec.com.tw
2
A P W 7060
H a n d ling C ode
Te m p . R a n g e
P a c k a g e C ode
P a ck ag e C o d e
K : S O P -1 4
O peratin g J u n c tion T e m p . R a ng e
C : 0 to 7 0 ° C
H a n d ling C ode
T U : T u b e
T R : T a p e & R e e l
APW 7 0 6 0 K :
APW 7 0 6 0
XXXXX
XXXXX - D a te C o d e
Ordering and Marking Information
Block Diagram
Under
Voltage
Lockout
5VCC
UGATE
Oscillator
VREF
0.8V
Soft-Start
and Fault
Logic
FOSC
600kH z
E rror
A m plifier
FB
PW M
COMP
0.5V
UVP1
GND
DRIVE2
FB2
0.5V
UVP2
UVLO
Linear
C ontroller
Inhibit /
S oft-S tart
5V C C
LGATE
Gate
Control
12V C C
1.28V
S hutdown
12VCC
.ECKH/Figure 1.


Similar Part No. - APW7060KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7061 ANPEC-APW7061 Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
APW7061KC-TR ANPEC-APW7061KC-TR Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
APW7061KC-TRL ANPEC-APW7061KC-TRL Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
APW7061KC-TU ANPEC-APW7061KC-TU Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
APW7061KC-TUL ANPEC-APW7061KC-TUL Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7060KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com