Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJQ100EL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQJQ100EL
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJQ100EL Datasheet(HTML) 3 Page - Vishay Siliconix

  SQJQ100EL Datasheet HTML 1Page - Vishay Siliconix SQJQ100EL Datasheet HTML 2Page - Vishay Siliconix SQJQ100EL Datasheet HTML 3Page - Vishay Siliconix SQJQ100EL Datasheet HTML 4Page - Vishay Siliconix SQJQ100EL Datasheet HTML 5Page - Vishay Siliconix SQJQ100EL Datasheet HTML 6Page - Vishay Siliconix SQJQ100EL Datasheet HTML 7Page - Vishay Siliconix SQJQ100EL Datasheet HTML 8Page - Vishay Siliconix SQJQ100EL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQJQ100EL
www.vishay.com
Vishay Siliconix
S17-0237-Rev. B, 13-Feb-17
3
Document Number: 68443
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
10
100
1000
10000
0
31
62
93
124
155
02468
10
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 4 V
V
GS = 3 V
10
100
1000
10000
0
40
80
120
160
200
0369
12
15
18
Axis Title
I
D - Drain Current (A)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
4000
8000
12000
16000
20000
0
8
16
24
32
40
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss
10
100
1000
10000
0
20
40
60
80
100
120
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0.000
0.001
0.002
0.003
0.004
0.005
0
20406080
100
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 4.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
030
60
90
120
150
Axis Title
Q
g - Total Gate Charge (nC)
2nd line
I
D = 10 A
V
DS = 20 V


Similar Part No. - SQJQ100EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJQ100EL VISHAY-SQJQ100EL Datasheet
212Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-16
SQJQ100EL VISHAY-SQJQ100EL Datasheet
831Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJQ100EL VISHAY-SQJQ100EL Datasheet
830Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJQ100EL VISHAY-SQJQ100EL_V01 Datasheet
831Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJQ100EL VISHAY-SQJQ100EL_V02 Datasheet
830Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJQ100EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQ3418EEV VISHAY-SQ3418EEV Datasheet
214Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS484ENW VISHAY-SQS484ENW_V02 Datasheet
642Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com