Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4800KI-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA4800KI-TR
Description  Stereo 290mW 8ohm Speaker Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4800KI-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA4800KI-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Stereo 290mW 8
Ω Speaker Driver
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Apr., 2001
APA4800
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
Ordering Information
The APA4800 is an integrated class AB stereo head-
phone amplifier contained in an SO-8 or a DIP-8 plas-
tic package . The APA4800 is capable of delivering
290mW of max . output power to an 8
Ω load with less
than 10% (THD+N) from a 5V power supply . The de-
vice has been primarily developed for portable digital
audio applications .
Applications
•••••
Portable Digital Audio
•••••
Personal Computers
•••••
Microphone Preamplifier
Gereral Description
Block Diagram
1
2
3
4
5
6
7
8
Out A
Inverting Input A
Non-inverting Input A
Non-inverting Input B
Out B
Inverting Input B
--
+
+
V
SS
V
DD
APA4800
••••• O perating Voltage
Single Supply
3V to 7V
Dual Supply
±1.5V to ± 3.5V
•••••
High Signal-to-Noise Ratio
100dB
•••••
High Slew Rate
5V/
µs
•••••
Low Distortion
-65dB
••••• Output Power at 10% THD+N
into 8
Ω !!!!!!!!!!!!!! 290mW
into 16
Ω !!!!!!!!!!!!!! 190mW
••••• Large Output Voltage Swing
••••• Excellent Power Supply Ripple Rejection
••••• Low Power Consumption
••••• Short-circuit Elimination
••••• Wide Temperature Range
••••• No Switch ON/OFF Clicks
••••• Available in 8 pin SOP or DIP Package
APA4800
Handling Code
Temp. Range
Package Code
Package Code
J : PDIP - 8
K : SOP - 8
Temp. Range
I : - 40 to 85 C
Handling Code
TU : Tube
TR : Tape & Reel
°


Similar Part No. - APA4800KI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4801 ANPEC-APA4801 Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801JI-TR ANPEC-APA4801JI-TR Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801JI-TU ANPEC-APA4801JI-TU Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801KI-TR ANPEC-APA4801KI-TR Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801KI-TU ANPEC-APA4801KI-TU Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
More results

Similar Description - APA4800KI-TR

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
logo
AAEON Technology
GENE-BT07 AAEON-GENE-BT07 Datasheet
274Kb / 2P
   2 CH Audio, Support 8ohm/2W Speaker
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com