Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE0402JKF070R1L Datasheet(PDF) 6 Page - YAGEO Corporation

Part # PE0402JKF070R1L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE0402JKF070R1L Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button PE0402JKF070R1L Datasheet HTML 2Page - YAGEO Corporation PE0402JKF070R1L Datasheet HTML 3Page - YAGEO Corporation PE0402JKF070R1L Datasheet HTML 4Page - YAGEO Corporation PE0402JKF070R1L Datasheet HTML 5Page - YAGEO Corporation PE0402JKF070R1L Datasheet HTML 6Page - YAGEO Corporation PE0402JKF070R1L Datasheet HTML 7Page - YAGEO Corporation PE0402JKF070R1L Datasheet HTML 8Page - YAGEO Corporation PE0402JKF070R1L Datasheet HTML 9Page - YAGEO Corporation PE0402JKF070R1L Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
6
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
PACKING STYLE
REEL DIMENSION
PE0201
PE0402
PE0603
PE0805
PE1206
PE2010
PE2512
Paper taping reel (R)
7" (178 mm)
10,000
10,000
5,000
5,000
4,000
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
---
---
4,000
4,000
Fig. 7 Paper Tape
PAPER TAPE
Table 4 Dimensions of paper tape for relevant chip resistors size
SIZE
SYMBOL
Unit: mm
A0
B0
W
E
F
P0
P1
P2
Ø D0
T
PE0201
0.35± 0.10 1.65± 0.10 8.00± 0.30 1.75± 0.10 3.50± 0.10 4.00± 0.10 2.00± 0.05 2.00± 0.05 1.50± 0.10 0.53± 0.10
PE0402
0.65± 0.10 1.15± 0.10 8.00± 0.30 1.75± 0.10 3.50± 0.10 4.00± 0.10 2.00± 0.05 2.00± 0.05 1.50± 0.10 0.53± 0.10
PE0603
1.20± 0.15 1.90± 0.15 8.00± 0.30 1.75± 0.10 3.50± 0.10 4.00± 0.10 4.00± 0.10 2.00± 0.10 1.50± 0.10 0.55± 0.15
PE0805
1.60± 0.15 2.30± 0.15 8.00± 0.30 1.75± 0.10 3.50± 0.10 4.00± 0.10 4.00± 0.10 2.00± 0.10 1.50± 0.10 0.85± 0.15
PE1206
1.90± 0.10 3.50± 0.10 8.00± 0.30 1.75± 0.10 3.50± 0.10 4.00± 0.10 4.00± 0.10 2.00± 0.10 1.50± 0.10 1.50± 0.10


Similar Part No. - PE0402JKF070R1L

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
PE0401 CMLMICRO-PE0401 Datasheet
116Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - PE0402JKF070R1L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com