Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT0402JK-070R025L Datasheet(PDF) 7 Page - YAGEO Corporation

Part # PT0402JK-070R025L
Description  CURRENT SENSOR - LOW TCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PT0402JK-070R025L Datasheet(HTML) 7 Page - YAGEO Corporation

  PT0402JK-070R025L Datasheet HTML 1Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 2Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 3Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 4Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 5Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 6Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 7Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 8Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 30, 2015 V.1
Product specification
7
9
SERIES
PT
0402/0603/0805/1206/2010/2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
Coefficient of
Resistance (T.C.R.)
MIL-STD-202 Method 304
At +25/+125 °C
Refer to table 2
Formula:
T.C.R= ------------------------- × 106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=+125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Life/
Endurance
MIL-STD-202 Method 108A
IEC 60115-1 4.25.1
1,000 hours at 70± 2 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
± (1.0%+0.0005 Ω)
High Temperature
Exposure
MIL-STD-202 Method 108A
IEC 60068-2-2
1,000 hours at maximum operating temperature
depending on specification, unpowered
No direct impingement of forced air to the parts
Tolerances: 155± 3 °C
± (1.0%+0.0005 Ω)
Moisture Resistance
MIL-STD-202 Method 106
Each temperature / humidity cycle is defined at 8
hours (method 106F), 3 cycles / 24 hours for
10d with 25 °C / 65 °C 95% R.H, without steps
7a & 7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24± 2 hours after
test conclusion
± (0.5%+0.0005 Ω)
Thermal Shock
MIL-STD-202 Method 107
-55/+125 °C
Number of cycles required is 300. Maximum
Devices mounted:
transfer time is 20 seconds. Dwell time is 15
minutes. Air – Air
± (1.0%+0.0005 Ω)
Table 4 Test condition, procedure and requirements
R2–R1
R1(t2–t1)


Similar Part No. - PT0402JK-070R025L

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
More results

Similar Description - PT0402JK-070R025L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com