Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJA46EP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQJA46EP
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJA46EP Datasheet(HTML) 3 Page - Vishay Siliconix

  SQJA46EP Datasheet HTML 1Page - Vishay Siliconix SQJA46EP Datasheet HTML 2Page - Vishay Siliconix SQJA46EP Datasheet HTML 3Page - Vishay Siliconix SQJA46EP Datasheet HTML 4Page - Vishay Siliconix SQJA46EP Datasheet HTML 5Page - Vishay Siliconix SQJA46EP Datasheet HTML 6Page - Vishay Siliconix SQJA46EP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SQJA46EP
www.vishay.com
Vishay Siliconix
S16-1488-Rev. A, 01-Aug-16
3
Document Number: 76495
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
10
100
1000
10000
0
30
60
90
120
150
02468
10
Axis Title
VDS - Drain-to-Source Voltage (V)
2nd line
VGS = 10 V thru 5 V
VGS = 4 V
10
100
1000
10000
0.000
0.002
0.004
0.006
0.008
0.010
0
20406080
100
Axis Title
ID - Drain Current (A)
2nd line
VGS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0
1632486480
Axis Title
Qg - Total Gate Charge (nC)
2nd line
ID = 5 A
VDS = 20 V
10
100
1000
10000
0
24
48
72
96
120
02468
10
Axis Title
VGS - Gate-to-Source Voltage (V)
2nd line
TC = 25 °C
TC =-55 °C
TC = 125 °C
10
100
1000
10000
0
1500
3000
4500
6000
7500
0
10203040
Axis Title
VDS - Drain-to-Source Voltage (V)
2nd line
Crss
Coss
Ciss
10
100
1000
10000
0.5
0.8
1.1
1.4
1.7
2.0
-50 -25
0
255075 100 125 150 175
Axis Title
TJ - Junction Temperature (°C)
2nd line
ID = 10 A
VGS = 10 V


Similar Part No. - SQJA46EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA42EP VISHAY-SQJA42EP Datasheet
329Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 14-Jan-2019
SQJA42EP VISHAY-SQJA42EP Datasheet
331Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJA42EP VISHAY-SQJA42EP Datasheet
330Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA42EP VISHAY-SQJA42EP_V01 Datasheet
331Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJA42EP VISHAY-SQJA42EP_V02 Datasheet
330Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJA46EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQ3418EEV VISHAY-SQ3418EEV Datasheet
214Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS484ENW VISHAY-SQS484ENW_V02 Datasheet
642Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com