Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ946EP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQJ946EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ946EP Datasheet(HTML) 3 Page - Vishay Siliconix

  SQJ946EP Datasheet HTML 1Page - Vishay Siliconix SQJ946EP Datasheet HTML 2Page - Vishay Siliconix SQJ946EP Datasheet HTML 3Page - Vishay Siliconix SQJ946EP Datasheet HTML 4Page - Vishay Siliconix SQJ946EP Datasheet HTML 5Page - Vishay Siliconix SQJ946EP Datasheet HTML 6Page - Vishay Siliconix SQJ946EP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SQJ946EP
www.vishay.com
Vishay Siliconix
S16-1321-Rev. A, 04-Jul-16
3
Document Number: 75159
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
10
100
1000
10000
0
8
16
24
32
40
02468
10
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 4 V
V
GS = 3 V
10
100
1000
10000
0
10
20
30
40
50
0.0
1.6
3.2
4.8
6.4
8.0
Axis Title
I
D - Drain Current (A)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
120
240
360
480
600
0
8
16
24
32
40
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss
10
100
1000
10000
0
6
12
18
24
30
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 4.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0369
12
15
Axis Title
Q
g - Total Gate Charge (nC)
2nd line
I
D = 4 A
V
DS = 20 V


Similar Part No. - SQJ946EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ946EP VISHAY-SQJ946EP Datasheet
220Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ946EP VISHAY-SQJ946EP Datasheet
219Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ946EP VISHAY-SQJ946EP_V01 Datasheet
220Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ946EP VISHAY-SQJ946EP_V02 Datasheet
219Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJ946EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 19-Dec-11
SQJQ904E VISHAY-SQJQ904E Datasheet
214Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 20-Feb-17
SQJB48EP VISHAY-SQJB48EP_V02 Datasheet
270Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4940AEY VISHAY-SQ4940AEY_V02 Datasheet
217Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJQ906EL VISHAY-SQJQ906EL Datasheet
243Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQJQ904E VISHAY-SQJQ904E_V02 Datasheet
266Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS940ELNW VISHAY-SQS940ELNW_V01 Datasheet
204Kb / 6P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS944ENW VISHAY-SQS944ENW_V02 Datasheet
597Kb / 11P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB46ELP VISHAY-SQJB46ELP_V02 Datasheet
216Kb / 6P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB04ELP VISHAY-SQJB04ELP_V02 Datasheet
271Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB46EP VISHAY-SQJB46EP_V02 Datasheet
243Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com