Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F230R Datasheet(PDF) 2 Page - Fox Electronics

Part # F230R
Description  HCMOS 2.5x2mm 3.3V Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F230R Datasheet(HTML) 2 Page - Fox Electronics

  F230R Datasheet HTML 1Page - Fox Electronics F230R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
59
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44.11283.568153 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2010 FOX ELECTRONICS | ISO9001:2008 Certified
HCMOS 2.5x2mm 3.3V Oscillator
Rev. 12/2/2010
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F230 SERIES
Page 2 of 2
• TAPE SPECIFICATIOnS (millimeters)
MODEL
F230 Series
A
∅1.5
b
4.0
C
4.0
D
3.5
E
8.0
F
1.15
STD Reel QTY
3,000
• REEL SPECIFICATIOnS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅60
K
∅180
L
9.0
M
2.0
MODEL
F230 Series


Similar Part No. - F230R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F230R FOX-F230R Datasheet
185Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F230R FOX-F230R Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
More results

Similar Description - F230R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F230 FOX-F230 Datasheet
185Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
819A-10-1 FOX-819A-10-1 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
F240 FOX-F240 Datasheet
185Kb / 2P
   HCMOS 2.5x2mm 2.5V Oscillator
F200 FOX-F200 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 1.0 V SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC53 EUROQUARTZ-EQXP-HC53 Datasheet
166Kb / 1P
   HCMOS 5x3.2mm 3.3V OSCILLATOR
logo
Fox Electronics
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com