Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS5214 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS5214
Description  80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS5214 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMS5214 Datasheet HTML 2Page - National Semiconductor (TI) LMS5214 Datasheet HTML 3Page - National Semiconductor (TI) LMS5214 Datasheet HTML 4Page - National Semiconductor (TI) LMS5214 Datasheet HTML 5Page - National Semiconductor (TI) LMS5214 Datasheet HTML 6Page - National Semiconductor (TI) LMS5214 Datasheet HTML 7Page - National Semiconductor (TI) LMS5214 Datasheet HTML 8Page - National Semiconductor (TI) LMS5214 Datasheet HTML 9Page - National Semiconductor (TI) LMS5214 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Typical Characteristics Unless otherwise specified, T
A = 25˚C, VOUT = 2.8V, CL = 0.47µF (Continued)
Start Up Characteristics
20043104
Application Information
The LMS5214 is a low dropout, linear regulator designed
primarily for battery-powered applications. The LMS5214
can be used with low cost ceramic capacitors, typical value
of 470nF.
The LMS5214 is an enhanced version of the LMS5213 with
auto discharge function which actively discharges the output
voltage to ground when the device is placed in shutdown
mode
As illustrated in the simplified schematics, the LMS5214
consists of a 1.25V reference, error amplifier, P-channel
pass transistor and internal feedback voltage divider. The
1.25V reference is connected to the input of the error amp.
The error amp compares this reference with the feedback
voltage. If the feedback voltage is lower than the reference,
the pass transistor gate is pulled lower allowing more current
to pass and increasing the output voltage. If the feedback
voltage is too high, the pass transistor gate is pulled up
allowing less current to pass to the output. The output volt-
age is fedback through the resistor divider. Additional blocks
include short circuit current protection and thermal protec-
tion.
The LMS5214 features an 80mA P-channel MOSFET tran-
sistor. This provides several advantages over similar designs
using PNP pass transistors including longer battery life.
The P-channel MOSFET requires no base drive, which re-
duces quiescent current considerably. PNP based regulators
waste considerable amounts of current in dropout when the
pass transistor saturates. They also have high base drive
currents under large loads. The LMS5214 does not suffer
from these problems and consumes only the specified qui-
escent current under light and heavy loads.
External Capacitors
Like any low-dropout regulators, the LMS5214 requires ex-
ternal capacitors for regulator stability. The LMS5214 is spe-
cially designed for portable applications requiring minimum
board space and the smallest components.
A 1µF capacitor should be placed from V
IN to GND if there is
more than 10 inches of wire between the input and AC filter
or when a battery is used as the input. This capacitor must
be located a distance of not more than 1cm from the input
pin and returned to a clean analog ground.
The LMS5214 is designed to work with high quality tantalum
capacitors and small ceramic output capacitors. Ceramic
capacitors ranging between 470nF to 4.7µF are the smallest
and least expensive.
No-Load Stability
The LMS5214 will remain stable and in regulation with
no-load (other than the internal voltage divider). This is
especially important in CMOS RAM keep-alive applications.
Enable Input
The LMS5214 is shut off by pulling the V
EN pin below 0.6V;
all internal circuitry is powered off and the quiescent current
is typically 10nA. Pulling the V
EN high above 2V re-enables
the device and allows operation. If the shut down feature is
not used, the V
EN pin should be tied to VIN to keep the
regulator output on all the time.
Thermal Behavior
The LMS5214 regulator has internal thermal shutdown to
protect the device from over heating. Under all operating
conditions, the maximum junction temperature of the
LMS5214 must be below 125˚C. Maximum power dissipation
can be calculated based on the output current and the
voltage drop across the part. The maximum power dissipa-
tion is
P
D(MAX) =(TJ(MAX) -TA)/
θ
JA
θ
JA is the junction-to-ambient thermal resistance, 478˚C/W
for the LMS5214 in the SC70 package. T
A is the maximum
ambient temperature T
J(MAX) is the maximum junction tem-
perature of the die, 125˚C
When operating the LMS5214 at room temperature, the
maximum power dissipation is 209mW.
The actual power dissipated by the regulator is
P
D =(VIN-VOUT)IL +VIN IGND
The figure below shows the voltage and currents, which are
present in the circuit.
www.national.com
8


Similar Part No. - LMS5214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-2.8 NSC-LMS5213IM7-2.8 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-3.0 NSC-LMS5213IM7-3.0 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-3.3 NSC-LMS5213IM7-3.3 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7X-2.8 NSC-LMS5213IM7X-2.8 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
More results

Similar Description - LMS5214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
   80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
   80mA CMOS Low Dropout Voltage Regulator with Enable
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com