Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3030 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # W3030
Description  2.1 GHz RX Diversity Ceramic Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3030 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  W3030 Datasheet HTML 1Page - Pulse A Technitrol Company W3030 Datasheet HTML 2Page - Pulse A Technitrol Company W3030 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2006 All Rights Reserved.
2.1 GHz RX Diversity
Ceramic Antenna
Ground cleared under antenna, clearance area 10.60 x 6.25 mm
Typical Free Space Radiation Patterns
ZY-PLANE
XY-PLANE
X+: o (Phi) = 0º
Y+: o (Phi) = +90º
Z+: 0 (Theta) = 0º
XZ-PLANE
W3030 Datasheet version 1.0. 12/2006
Pulse Antennas
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas


Similar Part No. - W3030

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3030 AGERE-W3030 Datasheet
429Kb / 22P
   W3030 3 V Dual-Mode IF Cellular Receiver
More results

Similar Description - W3030

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3028 PULSE-W3028 Datasheet
1Mb / 3P
   1.8 GHz RX Diversity Ceramic Antenna
W3029 PULSE-W3029 Datasheet
1Mb / 3P
   1.9 GHz RX Diversity Ceramic Antenna
W3031 PULSE-W3031 Datasheet
1Mb / 3P
   850 MHz RX Diversity Ceramic Antenna
W3032 PULSE-W3032 Datasheet
1Mb / 3P
   900 MHz RX Diversity Ceramic Antenna
W3117 PULSE-W3117 Datasheet
1Mb / 3P
   850 MHz RX Diversity Helical SMD Antenna
W3118A PULSE-W3118A Datasheet
726Kb / 3P
   850 MHz RX Diversity Helical SMD Antenna
logo
NXP Semiconductors
TEA6101 PHILIPS-TEA6101 Datasheet
82Kb / 13P
   Antenna diversity circuit
May 1992
logo
Infineon Technologies A...
BGS15MA12 INFINEON-BGS15MA12 Datasheet
743Kb / 21P
   SP5T Rx Diversity Switch
Revision 3.1 - 2016-05-11
logo
TE Connectivity Ltd
C-1513430 TEC-C-1513430 Datasheet
181Kb / 2P
   802.11b Diversity Antenna
logo
Skyworks Solutions Inc.
SKY13713 SKYWORKS-SKY13713 Datasheet
201Kb / 2P
   RX Diversity FEM with Gain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com