Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6647MA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6647MA
Description  2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6647MA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6647MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6647MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6647MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6647MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6647MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6647MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6647MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6647MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6647MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2.7V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 2.7V, V= 0V, V
CM =VO =V
+/2, and R
f =2kΩ, and RL
=1k
Ω to V+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 2.7V
46
77
dB
V
CM Stepped from 0V to 1.55V
58
76
A
VOL
Large Signal Voltage Gain
V
O = 0.35V to 2.35V
76
74
87
dB
V
O
Output Swing
High
R
L = 1ktoV
+/2
2.55
2.66
V
R
L = 10k to V
+/2
2.68
Output Swing
Low
R
L = 1ktoV
+/2
40
150
mV
R
L = 10k to V
+/2
20
I
SC
Output Short Circuit Current
Sourcing to V
V
ID = 200mV (Note 10)
43
mA
Sinking to V
+
V
ID = −200mV (Note 10)
42
I
OUT
Output Current
V
OUT = 0.5V from rails
±20
mA
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 3.7V or
V
= 0Vto−1V
75
83
dB
I
S
Supply Current (per channel)
Normal Operation
650
1250
µA
Shutdown Mode (LMH6647 only)
15
50
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V= 0V, V
CM =VO =V
+/2, and R
f =2kΩ, and RL
=1k
Ω to V+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
BW
−3dB BW
A
V = +1, VOUT = 200mVPP
40
55
MHz
e
n
Input-Referred Voltage Noise
f = 100kHz
17
nV/
f = 1kHz
25
i
n
Input-Referred Current Noise
f = 100kHz
0.75
pA/
f = 1kHz
1.20
CT Rej.
Cross-Talk Rejection
(LMH6646 only)
f = 5MHz, Receiver:
R
f =Rg = 510Ω,AV =+2
47
dB
SR
Slew Rate
A
V = −1, VO =2VPP
(Note 8, 13)
15
22
V/µs
T
ON
Turn-On Time (LMH6647 only)
210
ns
T
OFF
Turn-Off Time (LMH6647 only)
500
ns
TH
SD
Shutdown Threshold
(LMH6647 only)
I
S ≤ 50µA
4.25
4.60
V
I
SD
Shutdown Pin Input Current
(LMH6647 only)
(Note 7)
−20
µA
V
OS
Input Offset Voltage
0V
≤ V
CM ≤ 5V
−3
−4
±1
3
4
mV
TC V
OS
Input Offset Average Drift
(Note 12)
±5
µV/C
I
B
Input Bias Current
V
CM = 4.8V (Note 7)
+0.36
+2
−2.2
µA
V
CM = 0.5V (Note 7)
−0.68
−2
−2.2
I
OS
Input Offset Current
0V
≤ V
CM ≤ 5V
1
500
nA
R
IN
Common Mode Input
Resistance
3M
www.national.com
4


Similar Part No. - LMH6647MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6647MA NSC-LMH6647MA Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6647MA/NOPB TI1-LMH6647MA/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6647MAX NSC-LMH6647MAX Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6647MAX/NOPB TI1-LMH6647MAX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results

Similar Description - LMH6647MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6646 TI1-LMH6646 Datasheet
1Mb / 28P
[Old version datasheet]   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
TLV2370 TI1-TLV2370_16 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
logo
National Semiconductor ...
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
   Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com