Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA.700.J Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PA.700.J
Description  High efficiency wide-band antenna
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.700.J Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PA.700.J Datasheet HTML 1Page - Taoglas antenna solutions PA.700.J Datasheet HTML 2Page - Taoglas antenna solutions PA.700.J Datasheet HTML 3Page - Taoglas antenna solutions PA.700.J Datasheet HTML 4Page - Taoglas antenna solutions PA.700.J Datasheet HTML 5Page - Taoglas antenna solutions PA.700.J Datasheet HTML 6Page - Taoglas antenna solutions PA.700.J Datasheet HTML 7Page - Taoglas antenna solutions PA.700.J Datasheet HTML 8Page - Taoglas antenna solutions PA.700.J Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SPE-12-8-017/E/EZ
Page 3 of 17
8. Reductions in probability of radiated spurious emissions compared to other antenna
technologies are observed when using the PA.700.J and strictly following this application note
layout
9. Achieves moderate to high gain in both vertical and horizontal polarization planes. This
feature is very useful in certain wireless communications where the antenna orientation is not
fixed and the reflections or multipath signals may be present from any plane. In those cases the
important parameter to be considered is the total field strength, which is the vector sum of the
signal from the horizontal and vertical polarization planes at any instant in time.
LTE Bands (Japan)
Frequency
1
2100
1920~2170MHz
6
800
830~885MHz
8
900
880~960MHz
9
1700
1749~1880MHz
11
1500
1427~1496MHz
18
800
815~875MHz
19
800
832~889MHz
21
1500
1447~1510MHz
41
2500
2496~2690MHz


Similar Part No. - PA.700.J

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PA.700.J TAOGLAS-PA.700.J Datasheet
1Mb / 20P
   Samurai Hexa-Band Cellular SMD Antenna
PA.700.J TAOGLAS-PA.700.J_17 Datasheet
1Mb / 20P
   Samurai Hexa-Band Cellular SMD Antenna
More results

Similar Description - PA.700.J

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PA.711.A TAOGLAS-PA.711.A Datasheet
1Mb / 40P
   High Efficiency Wide-Band Antenna
PA.710.A TAOGLAS-PA.710.A Datasheet
1Mb / 17P
   High efficiency wide-band antenna
PA.710.A1 TAOGLAS-PA.710.A1 Datasheet
2Mb / 18P
   High efficiency Wide-Band Antenna
PAD.71X.A TAOGLAS-PAD.71X.A Datasheet
1Mb / 21P
   Highest Efficiency Wide-band Embedded MIMO Antenna
PCS.07.A TAOGLAS-PCS.07.A Datasheet
1Mb / 13P
   High Efficiency Multi-Band SMD antenna
PA.25-ANAM TAOGLAS-PA.25-ANAM Datasheet
1Mb / 20P
   High Efficiency Multi-Band SMD Antenna
PA.25A TAOGLAS-PA.25A Datasheet
1Mb / 20P
   High Efficiency Multi-Band SMD Antenna
logo
Laird Tech Smart Techno...
S54717P LSTD-S54717P Datasheet
923Kb / 1P
   Wide-Band Panel Antenna
logo
Molex Electronics Ltd.
PS-1462340100 MOLEX-PS-1462340100 Datasheet
382Kb / 7P
   698MHZ-6GHZ WIDE BAND ANTENNA
2017/11/21
logo
Pulse A Technitrol Comp...
W3404SMA PULSE-W3404SMA Datasheet
1Mb / 10P
   Wide Band LTE Monopole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com