Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA.25A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PA.25A
Description  High Efficiency Multi-Band SMD Antenna
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.25A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PA.25A Datasheet HTML 1Page - Taoglas antenna solutions PA.25A Datasheet HTML 2Page - Taoglas antenna solutions PA.25A Datasheet HTML 3Page - Taoglas antenna solutions PA.25A Datasheet HTML 4Page - Taoglas antenna solutions PA.25A Datasheet HTML 5Page - Taoglas antenna solutions PA.25A Datasheet HTML 6Page - Taoglas antenna solutions PA.25A Datasheet HTML 7Page - Taoglas antenna solutions PA.25A Datasheet HTML 8Page - Taoglas antenna solutions PA.25A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SPE-11-8-061/I
Page 1 of 20
Specification
Model No.
:
PA.25 Anam
Part No.
:
PA.25a
Product Name
:
Hexa-Band Cellular SMD Antenna
GSM / CDMA / DCS / PCS / WCDMA /
UMTS /HSDPA / GPRS / EDGE
800 MHz to 2200 MHz
Features
:
High Efficiency Multi-Band SMD Antenna
35*5*6mm
RoHS
Photo


Similar Part No. - PA.25A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PA.25A TAOGLAS-PA.25A Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
PA.25A TAOGLAS-PA.25A_17 Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
More results

Similar Description - PA.25A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PA.25-ANAM TAOGLAS-PA.25-ANAM Datasheet
1Mb / 20P
   High Efficiency Multi-Band SMD Antenna
PCS.07.A TAOGLAS-PCS.07.A Datasheet
1Mb / 13P
   High Efficiency Multi-Band SMD antenna
PA.700.J TAOGLAS-PA.700.J Datasheet
1Mb / 17P
   High efficiency wide-band antenna
PA.711.A TAOGLAS-PA.711.A Datasheet
1Mb / 40P
   High Efficiency Wide-Band Antenna
PA.710.A1 TAOGLAS-PA.710.A1 Datasheet
2Mb / 18P
   High efficiency Wide-Band Antenna
PA.710.A TAOGLAS-PA.710.A Datasheet
1Mb / 17P
   High efficiency wide-band antenna
logo
Laird Tech Smart Techno...
IFMULT LSTD-IFMULT Datasheet
1Mb / 2P
   Multi-band MicroSphere Antenna
logo
NimbeLink Corp.
AC-HPUE NIMBELINK-AC-HPUE Datasheet
244Kb / 4P
   Multi-Band High Power LTE Antenna-Modem
logo
Taoglas antenna solutio...
ISPC.86A.09.0092E TAOGLAS-ISPC.86A.09.0092E Datasheet
945Kb / 17P
   High antenna efficiency
ISPC.91A.09.0092E TAOGLAS-ISPC.91A.09.0092E Datasheet
1Mb / 18P
   High antenna efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com