Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS34A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS34A
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS34A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS34A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS34A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS34A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS32A--SS310A
Document Number: SMA403AA
www.gmicroelec.com
1
FEATURES
Schottky barrier rectifier
Guarding protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
MECHANICAL DATA
Case: SMA molded plastic body
Polarity: Color band denotes cathode end
Mounting position: ANY
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS32A
SS33A
SS34A
SS345A
SS35A
SS36A
SS38A
SS39A
SS310A
UNITS
Maximum repetitive peak reverse voltage
VRRM
20
30
40
45
50
60
80
90
100
V
Maximum RMS voltage
VRWS
14
21
28
31
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
80
90
100
V
Maximum
average
forward
rectified
current at TL=90℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
SS32A
SS33A
SS34A
SS345A
SS35A
SS36A
SS38A
SS39A
SS310A
UNITS
Typical thermal resistance
R θ JL
R θ JA
17
100
/W
Typical Capacitance
CJ
200
PF
Operating temperature range
TJ
-55----+125
-55----+150
Storage temperature range
TSTG
-55----+150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS32A
SS33A
SS34A
SS345A
SS35A
SS36A
SS38A
SS39A
SS310A
UNITS
Maximum instantaneous forward voltage
at IFM=3.0A
VF
0.50
0.75
0.85
V
Maximum DC reverse current TJ=25℃
at rated DC blocking voltage TJ=100℃
IR
0.1
m A
10
5.0
Pb
Lead-free


Similar Part No. - SS34A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS34A TAITRON-SS34A Datasheet
202Kb / 4P
   3.0A Surface Mount Schottky Rectifier
logo
Shenzhen Luguang Electr...
SS34A LUGUANG-SS34A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS34A YANGJIE-SS34A Datasheet
233Kb / 2P
   Schottky Rectifier
logo
Diotech Company.
SS34A DIOTECH-SS34A Datasheet
690Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bruckewell Technology L...
SS34A BWTECH-SS34A Datasheet
577Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS34A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com