Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLB2050CT Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SBLB2050CT
Description  Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SBLB2050CT Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SBLB2050CT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SBLB2050CT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SBLB2050CT Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Schottky Barrier Rectifier
SBLB2030CT-SBLB20100CT
O003
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified.
Parameter
Symbol
Test conditions
SBLB2030CT-
SBLB2045CT
SBLB2050CT-
SBLB2060CT
SBLB2080CT-
SBLB20100CT
UNIT
MAX
Forward Voltage
VF
IF=10A
0.60
0.75
0.85
V
Reverse Current
IR
VR=VRRM,TA=25℃
VR=VRRM,TA=100℃
1.0
50
mA
TYPICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified


Similar Part No. - SBLB2050CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBLB2030CT GE-SBLB2030CT Datasheet
95Kb / 2P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBLB2030CT GOOD-ARK-SBLB2030CT Datasheet
250Kb / 3P
   Dual Low VF Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SBLB2030CT DSK-SBLB2030CT Datasheet
254Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SBLB2030CT-E3 VISHAY-SBLB2030CT-E3 Datasheet
144Kb / 6P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBLB2030CT-E3 VISHAY-SBLB2030CT-E3 Datasheet
143Kb / 5P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results

Similar Description - SBLB2050CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com