Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLB2035CT Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SBLB2035CT
Description  Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SBLB2035CT Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SBLB2035CT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SBLB2035CT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SBLB2035CT Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Schottky Barrier Rectifier
SBLB2030CT-SBLB20100CT
O003
www.gmicroelec.com
Rev.A
1
FEATURES
Metal-Semicondutcor Junction With Guard Ring.
Epitaxial Construction.
Low Forward Voltage Drop,Low Switching Losses.
High Surge Capacity.
For Use In Low Voltage,High Frequency Inverters Free
Wheeling,and Polarity Protection Applications.
The Plastic Material Carries U/L Recognition 94V-0.
TO-263
MAXIMUM RATING operating temperature range applies unless otherwise specified
Symbol
Parameter
SBLB
2030
CT
SBLB
2035
CT
SBLB
2040
CT
SBLB
2045
CT
SBLB
2050
CT
SBLB
2060
CT
SBLB
2080
CT
SBLB
20100
CT
Unit
VRRM
Recurrent
Peak
Reverse
Voltage
30
35
40
45
50
60
80
100
V
VRMS
RMS Voltage
21
25
28
32
35
42
56
70
V
VDC
DC Blocking Voltage
30
35
40
45
50
60
80
100
V
IF(AV)
Average Forward Rectified
Current
@TA=100℃
20
A
IFSM
Peak Forward SurgeCurrent
8.3ms
Single
Half
Sine-wave Superimosed on
Rated Load
250
A
RθJC
Thermal Resistance(Note1)
1.5
℃/W
Tj
Operating Junction
Temperature Range
-55 to +125
Tstg
StorageTemperature Range
-55 to +150
Note:1.Thermal resistance junction to case.
Pb
Lead-free


Similar Part No. - SBLB2035CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBLB2030CT GE-SBLB2030CT Datasheet
95Kb / 2P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBLB2030CT GOOD-ARK-SBLB2030CT Datasheet
250Kb / 3P
   Dual Low VF Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SBLB2030CT DSK-SBLB2030CT Datasheet
254Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SBLB2030CT-E3 VISHAY-SBLB2030CT-E3 Datasheet
144Kb / 6P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBLB2030CT-E3 VISHAY-SBLB2030CT-E3 Datasheet
143Kb / 5P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results

Similar Description - SBLB2035CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com