Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL06 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # GBL06
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GBL06 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  GBL06 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GBL06 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited GBL06 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
GBL005--GBL10
Document Number: KJ2801AA
www.gmicroelec.com
1
FEATURES
Rating to 1000V PRV
Surge overload rating to 150 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead solderable per MIL-STD-202 method 208
Glass passivated junctions
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
GBL005
GBL01
GBL02
GBL04
GBL06
GBL08
GBL10
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward Output current
@TA=25℃
IF(AV)
4.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
150.0
A
Thermal Characteristics
Characteristic
Symbol
GBL005
GBL01
GBL02
GBL04
GBL06
GBL08
GBL10
UNITS
Typical Thermal Resistance
RθJC
6.5
/W
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
GBL005
GBL01
GBL02
GBL04
GBL06
GBL08
GBL10
UNITS
Maximum instantaneous forward voltage
@2.0A
VF
1.1
V
Maximum reverse current @TA=25℃
at rated DC blocking voltage @TA=100℃
IR
5.0
500
μ A
Pb
Lead-free


Similar Part No. - GBL06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBL06 WTE-GBL06 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
GBL06 SAMYANG-GBL06 Datasheet
871Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
GBL06 CHENG-YI-GBL06 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zowie Technology Corpor...
GBL06 ZOWIE-GBL06 Datasheet
115Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBL06 GE-GBL06 Datasheet
90Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBL06

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com