Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP304 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # GBP304
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GBP304 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  GBP304 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GBP304 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited GBP304 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
GBP3005--GBP310
Document Number: GBP802AA
www.gmicroelec.com
1
FEATURES
Rating to 1000V PRV
Surge overload rating to 70Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead solderable per MIL-STD-202 method 208
Plastic material has UL flammability classification 94V-O
Glass passivated chip junctions
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
GBP
3005
GBP
301
GBP
302
GBP
304
GBP
306
GBP
307
GBP
308
GBP
310
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
700
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
490
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
700
800
1000
V
Maximum average forward Output current
@TA=25℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
70
A
Thermal Characteristics
Characteristic
Symbol
GBP
3005
GBP
301
GBP
302
GBP
304
GBP
306
GBP
307
GBP
308
GBP
310
UNITS
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
GBP
3005
GBP
301
GBP
302
GBP
304
GBP
306
GBP
307
GBP
308
GBP
310
UNITS
Maximum instantaneous forward voltage
@1.5A
VF
1.0
V
Maximum
reverse
current
@TA=25℃
at rated DC blocking voltage @TA=100℃
IR
5.0
0.5
μ A
mA
Pb
Lead-free


Similar Part No. - GBP304

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBP304 PANJIT-GBP304 Datasheet
40Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
HY ELECTRONIC CORP.
GBP304 HY-GBP304 Datasheet
398Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Pan Jit International I...
GBP304 PANJIT-GBP304 Datasheet
36Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
GBP304 FS-GBP304 Datasheet
463Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 3.0A
logo
CHENG-YI ELECTRONIC CO....
GBP304 CHENG-YI-GBP304 Datasheet
175Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - GBP304

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com