Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6683MA Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6683MA
Description  190MHz Single Supply, Dual and Triple Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6683MA Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6683MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6683MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6683MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6683MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6683MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6683MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6683MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6683MA Datasheet HTML 14Page - National Semiconductor (TI) LMH6683MA Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Typical Performance Characteristics (Continued)
Harmonic Distortion vs. V
OUT
THD vs. for Various Frequencies
20059043
20059042
Harmonic Distortion vs. Frequency
Crosstalk vs. Frequency
20059046
20059014
R
OUT vs. Frequency
I
OS vs. VSUPPLY Over Temperature
20059021
20059023
www.national.com
11


Similar Part No. - LMH6683MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6683MA/NOPB TI1-LMH6683MA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6683MANOPB NSC-LMH6683MANOPB Datasheet
1Mb / 30P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6683MAX/NOPB TI1-LMH6683MAX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6683MAXNOPB NSC-LMH6683MAXNOPB Datasheet
1Mb / 30P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
More results

Similar Description - LMH6683MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6704 TI1-LMH6704 Datasheet
944Kb / 20P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6682 NSC-LMH6682_14 Datasheet
1Mb / 30P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6682 TI1-LMH6682_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com