Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB157 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # DB157
Description  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DB157 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  DB157 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DB157 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DB157 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SILICON BRIDGE RECTIFIERS
DB151--DB157
Document Number: DFM704AA
www.gmicroelec.com
1
FEATURES
Rating to 1000V PRVP
Surge overload rating to 40 Amperes peak
Glass passivated chip junctions
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead solderable per MIL-STD-202 method 208
Lead: silver plated copper, solderde plated
Plastic material has UL flammability classification94V-O
Maximum Ratings(@TA = 25°C unless otherwise specified)
Thermal Characteristics
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
DB151
DB152
DB153
DB154
DB155
DB156
DB157
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Reverse Voltage
VRMS
35
75
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward Output current
@TA=25℃
IF(AV)
1.5
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
40
A
Characteristic
Symbol
DB151
DB152
DB153
DB154
DB155
DB156
DB157
UNITS
Operating junction temperature range
TJ
-55 -- +150
Storage temperature range
TSTG
-55 -- +150
Characteristic
Symbol
DB151
DB152
DB153
DB154
DB155
DB156
DB157
UNITS
Maximum instantaneous forward voltage
at 1.5A
VF
1.1
V
Maximum reverse current @TA=25℃
at rated DC blocking voltage @TA=100℃
IR
5.0
0.5
μ A
m A
Pb
Lead-free


Similar Part No. - DB157

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB157 RECTRON-DB157 Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
DB157 HY-DB157 Datasheet
352Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB157 LUGUANG-DB157 Datasheet
153Kb / 2P
   Silicon Bridge Rectifiers
logo
DIYI Electronic Technol...
DB157 DYELEC-DB157 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
DB157 DCCOM-DB157 Datasheet
377Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - DB157

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com