Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3026ARU Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3026ARU
Description  High-Efficiency Notebook Computer Power Supply Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3026ARU Datasheet(HTML) 3 Page - Analog Devices

  ADP3026ARU Datasheet HTML 1Page - Analog Devices ADP3026ARU Datasheet HTML 2Page - Analog Devices ADP3026ARU Datasheet HTML 3Page - Analog Devices ADP3026ARU Datasheet HTML 4Page - Analog Devices ADP3026ARU Datasheet HTML 5Page - Analog Devices ADP3026ARU Datasheet HTML 6Page - Analog Devices ADP3026ARU Datasheet HTML 7Page - Analog Devices ADP3026ARU Datasheet HTML 8Page - Analog Devices ADP3026ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
–3–
REV. PrB
ADP3026
PRELIMINARY TECHNICAL DATA
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Power-Saving Mode Trip Threshold
CLSET5 = CLSET3 = 0 V, TA = 25°C
60
mV
Soft-Start Current
SS3 = SS5 = 3 V
2.5
µA
Soft-Start Turn-On Threshold
SS5, SS3
0.4
0.6
0.8
V
Transition Time (DRVL)
Rise
tR(DRVL)
CLOAD = 3000 pF, 10%–90%
40
70
ns
Fall
tF(DRVL)
CLOAD = 3000 pF, 90%–10%
40
70
ns
Transition Time (DRVH)
Rise
tR(DRVH) CLOAD = 3000 pF, 10%–90%
50
100
ns
Fall
tF(DRVH) CLOAD = 3000 pF, 90%–10%
50
100
ns
Logic Input Low Voltage
SD
0.6
V
Logic Input High Voltage
SD
2.4
V
FAULT PROTECTION
Output Overvoltage Trip Threshold
With Respect to Nominal Output
115
120
125
%
Output Undervoltage Lockout Threshold
With Respect to Nominal Output
75
80
85
%
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2The reference’s line-regulation error is insignificant. The reference cannot be used for external load.
Specifications subject to change without notice.


Similar Part No. - ADP3026ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
More results

Similar Description - ADP3026ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com