Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6711 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM6711
Description  Microprocessor Supervisory Circuit in 4-Lead SC70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6711 Datasheet(HTML) 6 Page - Analog Devices

  ADM6711 Datasheet HTML 1Page - Analog Devices ADM6711 Datasheet HTML 2Page - Analog Devices ADM6711 Datasheet HTML 3Page - Analog Devices ADM6711 Datasheet HTML 4Page - Analog Devices ADM6711 Datasheet HTML 5Page - Analog Devices ADM6711 Datasheet HTML 6Page - Analog Devices ADM6711 Datasheet HTML 7Page - Analog Devices ADM6711 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
–6–
ADM6711/ADM6713
DETAILED DESCRIPTION
The ADM6711/ADM6713 are designed to protect the integrity
of a system’s operation by ensuring the proper operation of the
system during power-up, power-down, and brownout conditions.
When the ADM6711/ADM6713 are powered up, the
RESET
output will remain low for a period equal to the typical reset
active timeout period. This is designed to give the system time
to power up correctly and for the power supply to stabilize
before any devices are brought out of reset and allowed to begin
executing instructions. Initializing a system in this way provides
a more reliable startup for microprocessor systems.
MANUAL RESET INPUT
The ADM6711/ADM6713’s manual reset (
MR) input allows
the system operator to reset a system by means of an external
manual switch. Alternatively, a logic signal from another digital
circuit can be used to trigger a reset via the
MR input.
The
MR input will ignore negative-going pulses faster than
100 ns (typically) and is guaranteed to accept any negative-
going input pulse of a duration greater than or equal to 1
µs.
The
RESET output will remain low while MR is held low and
for 240 ms (typically) after
MR returns high.
If
MR is connected to long cables or is used in a noisy environ-
ment, then placing a 0.1
µF capacitor between the MR input
and ground will help to remove any fast, negative-going transients.
POWER SUPPLY GLITCH IMMUNITY
The ADM6711/ADM6713 contain internal filtering circuitry
that provides immunity to fast transient glitches on the power
supply line. TPC 6 illustrates glitch immunity performance by
showing the maximum transient duration without causing a
reset pulse for glitches with amplitudes in the range of 1 mV to
1000 mV.
Glitch immunity makes the ADM6711/ADM6713 suitable for
use in noisy environments. Mounting a 0.1
µF decoupling
capacitor as close as possible to the VCC pin improves glitch
immunity further.
ADM6713
RESET OUTPUT LOGIC LEVELS
The ADM6713’s open-drain
RESET output is designed for use
with an external pull-up resistor. This resistor can be tied to VCC
or any other reasonable voltage level, offering the flexibility to use
the ADM6713 to drive a variety of different logic level circuitry.
ENSURING A VALID
RESET OUTPUT DOWN
TO VCC = 0 V
When VCC falls below 0.8 V, the ADM6711’s RESET output no
longer sinks current. Therefore, a high impedance CMOS logic
input connected to
RESET may drift to undetermined logic
levels. To eliminate this problem, a pull-down resistor should be
connected from
RESET to ground. A 100 k
Ω resistor is large
enough not to load
RESET and small enough to pull RESET
to ground.
VCC
VCC
GND
RESET
ADM6711
100k
Figure 2. Ensuring a Valid
RESET Output Down
to VCC = 0 V


Similar Part No. - ADM6711

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6711LAKS-REEL AD-ADM6711LAKS-REEL Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM6711LAKSZ-REEL AD-ADM6711LAKSZ-REEL Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM6711LAKSZ-REEL7 AD-ADM6711LAKSZ-REEL7 Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM6711MAKS-REEL AD-ADM6711MAKS-REEL Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM6711MAKS-REEL7 AD-ADM6711MAKS-REEL7 Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
More results

Similar Description - ADM6711

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6384 AD-ADM6384_15 Datasheet
207Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
Rev. C
ADM6711 AD-ADM6711_11 Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM6384 AD-ADM6384 Datasheet
176Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com