Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8067ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8067ART-R2
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8067ART-R2 Datasheet HTML 1Page - Analog Devices AD8067ART-R2 Datasheet HTML 2Page - Analog Devices AD8067ART-R2 Datasheet HTML 3Page - Analog Devices AD8067ART-R2 Datasheet HTML 4Page - Analog Devices AD8067ART-R2 Datasheet HTML 5Page - Analog Devices AD8067ART-R2 Datasheet HTML 6Page - Analog Devices AD8067ART-R2 Datasheet HTML 7Page - Analog Devices AD8067ART-R2 Datasheet HTML 8Page - Analog Devices AD8067ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8067
AD8067–SPECIFICATIONS FOR +5 V
VS = +5 V (@ TA = +25°C, G = +10, RL =RF = 1 kΩ, Unless Otherwise Noted.)
Parameter
Conditions
Min
Typ
Max
Unit
V
O = 0.2 V p-p
36
54
MHz
–3 dB Bandwidth
V
O = 2 V p-p
54
MHz
Bandwidth for 0.1 dB Flatness
V
O = 0.2 V p-p
8
MHz
Output Overdrive Recovery Time (Pos/Neg)
V
I = +0.6 V
150/200
ns
Slew Rate
V
O = 3 V Step
390
490
V/µs
DYNAMIC
PERFORMANCE
Settling Time to 0.1%
V
O = 2 V Step
25
ns
fC = 1 MHz, 2 V p-p
86
dBc
fC = 1 MHz, 4 V p-p
74
dBc
fC = 5 MHz, 2 V p-p
60
dBc
Spurious Free Dynamic Range (SFDR)
fC = 1 MHz, 2 V p-p, RL = 150 Ω
72
dBc
Input Voltage Noise
f = 10 kHz
6.6
nV/√Hz
NOISE/DISTORTION
PERFORMANCE
Input Current Noise
f = 10 kHz
0.6
fA/√Hz
Input Offset Voltage
0.2
1.0
mV
Input Offset Voltage Drift
1
15
µV/°C
0.5
5
pA
Input Bias Current
TMIN to TMAX
25
pA
0.1
1
pA
Input Offset Current
TMIN to TMAX
pA
DC PERFORMANCE
Open-Loop Gain
V
O = 0.5 V to 4.5 V
100
117
dB
Common-Mode Input Impedance
1000||2.3
GΩ||pF
Differential Input Impedance
1000||2.5
GΩ||pF
Input Common-Mode Voltage Range
0
2.0
V
INPUT
CHARACTERISTICS
Common-Mode Rejection Ratio (CMRR)
VCM = 0.5 Vto 1.5 V
–81
–98
dB
RL = 1 kΩ
0.07 to 4.89 0.03 to 4.94
V
Output Voltage Swing
RL =150 Ω
0.08 to 4.83
V
Output Current
SFDR > 60 dBc, f = 1 MHz
22
mA
Short Circuit Current
95
mA
OUTPUT
CHARACTERISTICS
Capacitive Load Drive
30% over shoot
120
pF
Operating Range
5
24
V
Quiescent Current
6.4
6.7
mA
POWER SUPPLY
Power Supply Rejection Ratio (PSRR)
–87
–103
dB
Rev. 0 | Page 5 of 24


Similar Part No. - AD8067ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8067ART-R2 AD-AD8067ART-R2 Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
More results

Similar Description - AD8067ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8067 AD-AD8067_06 Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
logo
Elantec Semiconductor
EL2006 ELANTEC-EL2006 Datasheet
247Kb / 12P
   High Gain Fast FET Input Op Amp
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
   High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
   High Gain-Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
   High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
   High Gain Bandwidth Product
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
   High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com