Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD70140EL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQD70140EL
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD70140EL Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQD70140EL Datasheet HTML 2Page - Vishay Siliconix SQD70140EL Datasheet HTML 3Page - Vishay Siliconix SQD70140EL Datasheet HTML 4Page - Vishay Siliconix SQD70140EL Datasheet HTML 5Page - Vishay Siliconix SQD70140EL Datasheet HTML 6Page - Vishay Siliconix SQD70140EL Datasheet HTML 7Page - Vishay Siliconix SQD70140EL Datasheet HTML 8Page - Vishay Siliconix SQD70140EL Datasheet HTML 9Page - Vishay Siliconix SQD70140EL Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ordering Information
www.vishay.com
Vishay Siliconix
Revision: 01-Jul-16
1
Document Number: 66957
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DPAK / TO-252 and Reverse DPAK
Ordering codes for the SQ rugged series power MOSFETs in the DPAK / TO-252 and Reverse DPAK packages:
Note
a. Old ordering code is obsolete and no longer valid for new orders
DATASHEET PART NUMBER
OLD ORDERING CODE a
NEW ORDERING CODE
SQD07N25-350H
SQD07N25-350H-GE3
SQD07N25-350H_GE3
SQD100N02-3m5L
-
SQD100N02-3m5L_GE3
SQD100N03-3m2L
SQD100N03-3M2L-GE3
SQD100N03-3M2L_GE3
SQD100N03-3m4
SQD100N03-3M4-GE3
SQD100N03-3M4_GE3
SQD100N04-3m6
SQD100N04-3M6-GE3
SQD100N04-3M6_GE3
SQD100N04-3m6L
SQD100N04-3M6L-GE3
SQD100N04-3M6L_GE3
SQD10N30-330H
SQD10N30-330H-GE3
SQD10N30-330H_GE3
SQD15N06-42L
SQD15N06-42L-GE3
SQD15N06-42L_GE3
SQD19P06-60L
SQD19P06-60L-GE3
SQD19P06-60L_GE3
SQD23N06-31L
SQD23N06-31L-GE3
SQD23N06-31L_GE3
SQD25N06-22L
SQD25N06-22L-GE3
SQD25N06-22L_GE3
SQD25N15-52
SQD25N15-52-GE3
SQD25N15-52_GE3
SQD30N05-20L
SQD30N05-20L-GE3
SQD30N05-20L_GE3
SQD40N06-14L
SQD40N06-14L-GE3
SQD40N06-14L_GE3
SQD40N10-25
SQD40N10-25-GE3
SQD40N10-25_GE3
SQD40P10-40L
SQD40P10-40L-GE3
SQD40P10-40L_GE3
SQD45P03-12
SQD45P03-12-GE3
SQD45P03-12_GE3
SQD50N04-5m6
SQD50N04-5M6-GE3
SQD50N04-5M6_GE3
SQD50N04-5m6L
-
SQD50N04-5m6L_GE3
SQD50N05-11L
SQD50N05-11L-GE3
SQD50N05-11L_GE3
SQD50N06-09L
SQD50N06-09L-GE3
SQD50N06-09L_GE3
SQD50N10-8m9L
SQD50N10-8M9L-GE3
SQD50N10-8M9L_GE3
SQD50P03-07
SQD50P03-07-GE3
SQD50P03-07_GE3
SQD50P04-13L
SQD50P04-13L-GE3
SQD50P04-13L_GE3
SQD50P04-09L
SQD50P04-09L-GE3
SQD50P04-09L_GE3
SQD50P06-15L
SQD50P06-15L-GE3
SQD50P06-15L_GE3
SQD50P08-25L
SQD50P08-25L-GE3
SQD50P08-25L_GE3
SQD50P08-28
SQD50P08-28-GE3
SQD50P08-28_GE3
SQD70140EL
-
SQD70140EL_GE3
SQD90P04-9m4L
SQD90P04-9M4L-GE3
SQD90P04-9M4L_GE3
SQD97N06-6m3L
SQD97N06-6M3L-GE3
SQD97N06-6M3L_GE3
SQR40N10-25
SQR40N10-25-GE3
SQR40N10-25_GE3
SQR50N04-3m8
SQR50N04-3M8-GE3
SQR50N04-3M8_GE3


Similar Part No. - SQD70140EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD70140EL VISHAY-SQD70140EL Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD70140EL VISHAY-SQD70140EL Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD70140EL VISHAY-SQD70140EL Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD70140EL VISHAY-SQD70140EL Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQD70140EL VISHAY-SQD70140EL Datasheet
187Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQD70140EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com