Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9821KST Datasheet(PDF) 3 Page - Analog Devices

Part # AD9821KST
Description  Complete 12-Bit 40 MSPS Imaging Signal Processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9821KST Datasheet(HTML) 3 Page - Analog Devices

  AD9821KST Datasheet HTML 1Page - Analog Devices AD9821KST Datasheet HTML 2Page - Analog Devices AD9821KST Datasheet HTML 3Page - Analog Devices AD9821KST Datasheet HTML 4Page - Analog Devices AD9821KST Datasheet HTML 5Page - Analog Devices AD9821KST Datasheet HTML 6Page - Analog Devices AD9821KST Datasheet HTML 7Page - Analog Devices AD9821KST Datasheet HTML 8Page - Analog Devices AD9821KST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
AD9821
–3–
IMAGER-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
POWER CONSUMPTION
150
mW
See TPC 1 for Power vs. Sample Rate
MAXIMUM CLOCK RATE
40
MHz
ANALOG INPUTS (VIN+, VIN–)
Input Common-Mode Range
*
0
1.8
V
Linear operating range for VIN+, VIN–
Max Input Amplitude
*
1.0
V p-p
Defined as VIN+ minus VIN–
Max Optical Black Pixel Amplitude
*
±30
mV
For stable Clamp at max VGA gain
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
See Figure 11 for VGA Gain Curve
Min Gain (VGA Gain Code 00)
0
dB
Max Gain (VGA Gain Code 1023)
36
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC Output
Min Clamp Level
0
LSB
Max Clamp Level
255
LSB
SYSTEM PERFORMANCE
Specifications Include Entire Signal Chain
Gain Accuracy
Min Gain
–1
0
+1
dB
Max Gain
34.5
35.5
36.5
dB
Peak Nonlinearity, 500 mV Input
0.3
%
12 dB Gain Applied
Total Output Noise
0.5
LSB rms
AC Grounded Input, 6 dB Gain Applied
Power Supply Rejection (PSR)
40
dB
Measured with Step Change on Supply
POWER-UP RECOVERY TIME
Normal Clock Signals Applied
Reference Standby Mode
1
ms
Total Power-Down Mode
3
ms
Power-Off Condition
10
ms
*Input Signal Characteristics defined as follows:
30mV MAX
OB PIXEL
1V p-p MAX
INPUT SIGNAL RANGE
VIN+
VIN–
GND
+1.8V
INPUT
CM RANGE
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 40 MHz, unless otherwise noted.)


Similar Part No. - AD9821KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
More results

Similar Description - AD9821KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD9826 AD-AD9826 Datasheet
159Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. A
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com