Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD40N10-25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQD40N10-25
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD40N10-25 Datasheet(HTML) 2 Page - Vishay Siliconix

  SQD40N10-25 Datasheet HTML 1Page - Vishay Siliconix SQD40N10-25 Datasheet HTML 2Page - Vishay Siliconix SQD40N10-25 Datasheet HTML 3Page - Vishay Siliconix SQD40N10-25 Datasheet HTML 4Page - Vishay Siliconix SQD40N10-25 Datasheet HTML 5Page - Vishay Siliconix SQD40N10-25 Datasheet HTML 6Page - Vishay Siliconix SQD40N10-25 Datasheet HTML 7Page - Vishay Siliconix SQD40N10-25 Datasheet HTML 8Page - Vishay Siliconix SQD40N10-25 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQD19P06-60L
www.vishay.com
Vishay Siliconix
S11-2065-Rev. C, 24-Oct-11
2
Document Number: 65158
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
- 60
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
-
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 60 V
-
-
- 1
μA
VGS = 0 V
VDS = - 60 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 60 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 20
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 19 A
-
0.046
0.055
VGS = - 10 V
ID = - 19 A, TJ = 125 °C
-
-
0.095
VGS = - 10 V
ID = - 19 A, TJ = 175 °C
-
-
0.125
VGS = - 4.5 V
ID = - 10 A
-
0.075
0.100
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 17 A
-
20
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 25 V, f = 1 MHz
-
1192
1490
pF
Output Capacitance
Coss
-
160
200
Reverse Transfer Capacitance
Crss
-
96
120
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 30 V, ID = - 19 A
-27
41
nC
Gate-Source Chargec
Qgs
-3.9
-
Gate-Drain Chargec
Qgd
-5.9
-
Gate Resistance
Rg
f = 1 MHz
2.3
4.7
7.1
Turn-On Delay Timec
td(on)
VDD = - 30 V, RL = 1.6 
ID  - 19 A, VGEN = - 10 V, Rg = 1 
-7
11
ns
Rise Timec
tr
-9
14
Turn-Off Delay Timec
td(off)
-25
38
Fall Timec
tf
-12
18
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
- 80
A
Forward Voltage
VSD
IF = - 10 A, VGS = 0 V
-
- 0.85
- 1.5
V


Similar Part No. - SQD40N10-25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD40N10-25 VISHAY-SQD40N10-25 Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD40N10-25 VISHAY-SQD40N10-25 Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD40N10-25 VISHAY-SQD40N10-25 Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD40N10-25 VISHAY-SQD40N10-25 Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQD40N10-25 VISHAY-SQD40N10-25 Datasheet
187Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQD40N10-25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com