Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD23N06-31L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQD23N06-31L
Description  Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD23N06-31L Datasheet(HTML) 3 Page - Vishay Siliconix

  SQD23N06-31L Datasheet HTML 1Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 2Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 3Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 4Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 5Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 6Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 7Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 8Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SQD25N15-52
www.vishay.com
Vishay Siliconix
S15-2583-Rev. G, 02-Nov-15
3
Document Number: 68604
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Transconductance
Capacitance
0
10
20
30
40
50
0
2
4
6
8
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 7 V
V
GS = 5 V
V
GS = 6 V
0
1
2
3
4
5
0.0
1.5
3.0
4.5
6.0
7.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = - 55 °C
T
C = 125 °C
0.00
0.03
0.06
0.09
0.12
0.15
0
10
20
30
40
50
I
D - Drain Current (A)
V
GS = 10 V
0
9
18
27
36
45
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0
12
24
36
48
60
0
5
10
15
20
25
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
600
1200
1800
2400
3000
0
20
40
60
80
100
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Similar Part No. - SQD23N06-31L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 24-Oct-11
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD23N06-31L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM85N15 VISHAY-SQM85N15 Datasheet
745Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-1
SQ4080EY VISHAY-SQ4080EY Datasheet
191Kb / 6P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 22-Aug-16
SQM40N15 VISHAY-SQM40N15_15 Datasheet
163Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. C, 17-Oct-11
SQM85N15 VISHAY-SQM85N15_15 Datasheet
163Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-11
SQM25N15-52 VISHAY-SQM25N15-52_V01 Datasheet
204Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15-52-GE3 VISHAY-SQD25N15-52-GE3 Datasheet
158Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. F, 20-Aug-12
SQJ872EP VISHAY-SQJ872EP_V02 Datasheet
296Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15-52 VISHAY-SQD25N15-52_V02 Datasheet
216Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15 VISHAY-SQD25N15_15 Datasheet
160Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. F, 20-Aug-12
SQP25N15-52 VISHAY-SQP25N15-52_15 Datasheet
152Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 31-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com