Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3426EV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ3426EV
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3426EV Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ3426EV Datasheet HTML 1Page - Vishay Siliconix SQ3426EV Datasheet HTML 2Page - Vishay Siliconix SQ3426EV Datasheet HTML 3Page - Vishay Siliconix SQ3426EV Datasheet HTML 4Page - Vishay Siliconix SQ3426EV Datasheet HTML 5Page - Vishay Siliconix SQ3426EV Datasheet HTML 6Page - Vishay Siliconix SQ3426EV Datasheet HTML 7Page - Vishay Siliconix SQ3426EV Datasheet HTML 8Page - Vishay Siliconix SQ3426EV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SQ3427AEEV
www.vishay.com
Vishay Siliconix
S15-1676-Rev. A, 16-Jul-15
2
Document Number: 65333
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = -250 μA
-60
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-1.5
-2
-2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
± 10
mA
VDS = 0 V, VGS = ± 10 V
-
-
± 2
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = -60 V
-
-
-1
μA
VGS = 0 V
VDS = -60 V, TJ = 125 °C
-
-
-50
VGS = 0 V
VDS = -60 V, TJ = 175 °C
-
-
-150
On-State Drain Current a
ID(on)
VGS = -10 V
VDS  -5 V
-10
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -10 V
ID = -4.5 A
-
0.079
0.095
VGS = -10 V
ID = -4.5 A, TJ = 125 °C
-
-
0.148
VGS = -10 V
ID = -4.5 A, TJ = 175 °C
-
-
0.178
VGS = -4.5 V
ID = -3.5 A
-
0.112
0.135
Forward Transconductancea
gfs
VDS = -15 V, ID = -4 A
-
9
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = -30 V, f = 1 MHz
-
700
1000
pF
Output Capacitance
Coss
-90
120
Reverse Transfer Capacitance
Crss
-50
75
Total Gate Charge c
Qg
VGS = -10 V
VDS = -30 V, ID = -5 A
-15.3
22
nC
Gate-Source Charge c
Qgs
-2.5
-
Gate-Drain Charge c
Qgd
-5.4
-
Gate Resistance
Rg
f = 1 MHz
2.7
5.4
8.1
Turn-On Delay Time c
td(on)
VDD = -30 V, RL = 6 
ID  -5 A, VGEN = -10 V, Rg = 1 
-8
12
ns
Rise Time c
tr
-24
35
Turn-Off Delay Time c
td(off)
-26
38
Fall Time c
tf
-33
50
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
-21
A
Forward Voltage
VSD
IF = -1.6 A, VGS = 0 V
-
-0.8
-1.2
V


Similar Part No. - SQ3426EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3426EV VISHAY-SQ3426EV Datasheet
271Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQ3426EV VISHAY-SQ3426EV Datasheet
260Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3426EV VISHAY-SQ3426EV Datasheet
293Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
More results

Similar Description - SQ3426EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com