Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ2362ES Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQ2362ES
Description  Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2362ES Datasheet(HTML) 4 Page - Vishay Siliconix

  SQ2362ES Datasheet HTML 1Page - Vishay Siliconix SQ2362ES Datasheet HTML 2Page - Vishay Siliconix SQ2362ES Datasheet HTML 3Page - Vishay Siliconix SQ2362ES Datasheet HTML 4Page - Vishay Siliconix SQ2362ES Datasheet HTML 5Page - Vishay Siliconix SQ2362ES Datasheet HTML 6Page - Vishay Siliconix SQ2362ES Datasheet HTML 7Page - Vishay Siliconix SQ2362ES Datasheet HTML 8Page - Vishay Siliconix SQ2362ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SQ2315ES
www.vishay.com
Vishay Siliconix
S15-2411-Rev. D, 07-Oct-15
4
Document Number: 71507
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
Safe Operating Area
0.001
0.0
0.2
0.6
1.0
0.4
0.8
1.2
0.01
1
0.1
10
100
T
J = 150 °C
T
J = 25 °C
V
SD - Source-to-Drain Voltage (V)
- 0.2
- 50
- 25
25
75
125
0
50
100
150
175
- 0.1
0.1
0.0
0.2
0.3
0.4
T
J - Junction Temperature (°C)
I
D = 5 mA
I
D = 250 μA
0.00
01
3
24
5
0.20
0.15
0.10
0.05
0.25
VGS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
- 16.0
- 50
- 25
25
75
125
0
50
100
175
150
- 15.5
- 14.5
- 14.0
- 15.0
- 13.5
- 13.0
T
J - Junction Temperature (°C)
I
D = 1 mA
0.01
0.01
0.1
1
100
10
0.1
1
10
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
I
DM Limited
BVDSS Limited
T
C = 25 °C
Single Pulse
Limited by R
DS(on)*
1 ms
10 ms
1 s, 10 s, DC
100 ms
100 μs


Similar Part No. - SQ2362ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2362ES VISHAY-SQ2362ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2362ES VISHAY-SQ2362ES Datasheet
208Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2362ES VISHAY-SQ2362ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2362ES VISHAY-SQ2362ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQ2362ES VISHAY-SQ2362ES Datasheet
279Kb / 11P
   Automotive P-Channel 40 V (D-S) MOSFET
Rev. A, 12-Oct-15
More results

Similar Description - SQ2362ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405CENW VISHAY-SQS405CENW_V01 Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA409CEJW VISHAY-SQA409CEJW Datasheet
202Kb / 6P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4005EY VISHAY-SQ4005EY_V02 Datasheet
214Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_15 Datasheet
238Kb / 12P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ2315ES VISHAY-SQ2315ES_15 Datasheet
269Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQS405EN VISHAY-SQS405EN_15 Datasheet
544Kb / 14P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. C, 30-Jul-12
SQS405CENW VISHAY-SQS405CENW Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V01 Datasheet
242Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V02 Datasheet
241Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_V02 Datasheet
294Kb / 10P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2315ES VISHAY-SQ2315ES_V02 Datasheet
202Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com