Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ2309ES Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQ2309ES
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2309ES Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQ2309ES Datasheet HTML 3Page - Vishay Siliconix SQ2309ES Datasheet HTML 4Page - Vishay Siliconix SQ2309ES Datasheet HTML 5Page - Vishay Siliconix SQ2309ES Datasheet HTML 6Page - Vishay Siliconix SQ2309ES Datasheet HTML 7Page - Vishay Siliconix SQ2309ES Datasheet HTML 8Page - Vishay Siliconix SQ2309ES Datasheet HTML 9Page - Vishay Siliconix SQ2309ES Datasheet HTML 10Page - Vishay Siliconix SQ2309ES Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Vishay Siliconix
Package Information
Document Number: 71196
09-Jul-01
www.vishay.com
1
SOT-23 (TO-236): 3-LEAD
b
E
E1
1
3
2
S
e
e1
D
A2
A
A1
C
Seating Plane
0.10 mm
0.004"
C
C
L1
L
q
Gauge Plane
Seating Plane
0.25 mm
Dim
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.0004
0.004
A2
0.88
1.02
0.0346
0.040
b
0.35
0.50
0.014
0.020
c
0.085
0.18
0.003
0.007
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.95 BSC
0.0374 Ref
e1
1.90 BSC
0.0748 Ref
L
0.40
0.60
0.016
0.024
L1
0.64 Ref
0.025 Ref
S
0.50 Ref
0.020 Ref
q
3°8°
3°8°
ECN: S-03946-Rev. K, 09-Jul-01
DWG: 5479


Similar Part No. - SQ2309ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2309ES VISHAY-SQ2309ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
207Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ2309ES VISHAY-SQ2309ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQ2309ES VISHAY-SQ2309ES Datasheet
206Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2309ES VISHAY-SQ2309ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
More results

Similar Description - SQ2309ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com