Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ2301ES Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SQ2301ES
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2301ES Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SQ2301ES Datasheet HTML 3Page - Vishay Siliconix SQ2301ES Datasheet HTML 4Page - Vishay Siliconix SQ2301ES Datasheet HTML 5Page - Vishay Siliconix SQ2301ES Datasheet HTML 6Page - Vishay Siliconix SQ2301ES Datasheet HTML 7Page - Vishay Siliconix SQ2301ES Datasheet HTML 8Page - Vishay Siliconix SQ2301ES Datasheet HTML 9Page - Vishay Siliconix SQ2301ES Datasheet HTML 10Page - Vishay Siliconix SQ2301ES Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72609
www.vishay.com
Revision: 21-Jan-08
25
RECOMMENDED MINIMUM PADS FOR SOT-23
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.022
(0.559)
0.037
(0.950)
0.053
(1.341)
0.097
(2.459)
Return to Index
Return to Index


Similar Part No. - SQ2301ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2301ES VISHAY-SQ2301ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
logo
Shanghai Leiditech Elec...
SQ2301ES LEIDITECH-SQ2301ES Datasheet
1Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
Vishay Siliconix
SQ2301ES VISHAY-SQ2301ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQ2301ES VISHAY-SQ2301ES Datasheet
221Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2301ES VISHAY-SQ2301ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
More results

Similar Description - SQ2301ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com