Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3977SLP-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3977SLP-T
Description  MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3977SLP-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3977SLP-T Datasheet HTML 1Page - Allegro MicroSystems A3977SLP-T Datasheet HTML 2Page - Allegro MicroSystems A3977SLP-T Datasheet HTML 3Page - Allegro MicroSystems A3977SLP-T Datasheet HTML 4Page - Allegro MicroSystems A3977SLP-T Datasheet HTML 5Page - Allegro MicroSystems A3977SLP-T Datasheet HTML 6Page - Allegro MicroSystems A3977SLP-T Datasheet HTML 7Page - Allegro MicroSystems A3977SLP-T Datasheet HTML 8Page - Allegro MicroSystems A3977SLP-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3977
MICROSTEPPING DMOS DRIVER
WITH TRANSLATOR
4
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 35 V, VDD = 3.0 V to 5.5V (unless otherwise
noted)
Limits
Characteristic
Symbol Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating
8.0
35
V
During sleep mode
0
35
V
Output Leakage Current
IDSS
VOUT = VBB
<1.0
20
µA
VOUT = 0 V
<1.0
-20
µA
Output On Resistance
rDS(on)
Source driver, IOUT = -2.5 A
0.45
0.57
Sink driver, IOUT = 2.5 A
0.36
0.43
Body Diode Forward Voltage
VF
Source diode, IF = -2.5 A
1.4
V
Sink diode, IF = 2.5 A
1.4
V
Motor Supply Current
IBB
fPWM < 50 kHz
8.0
mA
Operating, outputs disabled
6.0
mA
Sleep mode
20
µA
Control Logic
Logic Supply Voltage Range
VDD
Operating
3.0
5.0
5.5
V
Logic Input Voltage
VIN(1)
0.7VDD
––
V
VIN(0)
0.3VDD
V
Logic Input Current
IIN(1)
VIN = 0.7VDD
-20
<1.0
20
µA
IIN(0)
VIN = 0.3VDD
-20
<1.0
20
µA
Maximum STEP Frequency
fSTEP
500*
kHz
HOME Output Voltage
VOH
IOH = -200 µA
0.7VDD
V
VOL
IOL = 200 µA
0.3VDD
V
Blank Time
tBLANK
Rt = 56 kΩ, Ct = 680 pF
700
950
1200
ns
Fixed Off Time
toff
Rt = 56 kΩ, Ct = 680 pF
30
38
46
µs
continued next page …


Similar Part No. - A3977SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3977SLPTR-T ALLEGRO-A3977SLPTR-T Datasheet
524Kb / 19P
   Microstepping DMOS Driver with Translator
More results

Similar Description - A3977SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
   Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
   Microstepping DMOS Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
   Microstepping DMOS Driver with Translator
A3977 ALLEGRO-A3977 Datasheet
520Kb / 18P
   Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com