Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3210UF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3210UF
Description  200 V - 1,000 V Three Phase Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3210UF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3210UF Datasheet HTML 1Page - List of Unclassifed Manufacturers 3210UF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
253
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
11
.225(5.71)
.112(2.84)
1.250(31.75)
Aluminum Case
.450
(11.43)
.225
(5.71)
4-40 Thru
(2 PL)
.297(7.54)
.250(6.35)
1.062 ±.010
(27.0 ±.25)
.094 ±.010
(2.39 ±.25)
.45(11.43)
MAX.
.101(2.56)
.185(4.70)
(3 PL)
AC AC AC
+
_
AC
AC
AC
_
+
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55°C to +150°C Isolation Voltage: 1500V
200 V - 1,000 V Three Phase Bridge
4.0 A - 5.0 A Forward Current
70 ns - 3000 ns Recovery Time
3202 - 3210
3202F - 3210F
3202UF - 3210UF
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
C
T
@
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
u C-
J
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°
2
0
2
3
6
0
2
3
0
1
2
3
0
0
2
0
0
6
0
0
0
1
0
.
5
0
.
5
0
.
5
0
.
3
0
.
3
0
.
3
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
3
.
1
3
.
1
3
.
1
0
.
3
0
.
3
0
.
3
0
3
0
3
0
3
0
1
0
1
0
1
0
0
0
3
0
0
0
3
0
0
0
3
5
.
5
5
.
5
5
.
5
F
2
0
2
3
F
6
0
2
3
F
0
1
2
3
0
0
2
0
0
6
0
0
0
1
0
.
5
0
.
5
0
.
5
0
.
3
0
.
3
0
.
3
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
6
.
1
6
.
1
6
.
1
0
.
3
0
.
3
0
.
3
5
2
5
2
5
2
6
6
6
0
5
1
0
5
1
0
5
1
5
.
5
5
.
5
5
.
5
F
U
2
0
2
3
F
U
6
0
2
3
F
U
0
1
2
3
0
0
2
0
0
6
0
0
0
1
0
.
4
0
.
4
0
.
4
5
.
2
5
.
2
5
.
2
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
0
.
2
0
.
2
0
.
2
0
.
3
0
.
3
0
.
3
5
2
5
2
5
2
5
5
5
0
7
0
7
0
7
5
.
5
5
.
5
5
.
5


Similar Part No. - 3210UF

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3210UF VMI-3210UF Datasheet
235Kb / 2P
   200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - 3210UF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3402B ETC1-3402B Datasheet
252Kb / 2P
   200 V - 1,000 V Three Phase Bridge
logo
Voltage Multipliers Inc...
3402A VMI-3402A Datasheet
194Kb / 2P
   200 V - 1,000 V Three Phase Bridge
logo
List of Unclassifed Man...
1302 ETC-1302 Datasheet
138Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1102B VMI-1102B Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
List of Unclassifed Man...
1202D ETC-1202D Datasheet
66Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1502FB ETC-1502FB Datasheet
229Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1202A ETC-1202A Datasheet
68Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1102A ETC1-1102A Datasheet
66Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
3102 VMI-3102 Datasheet
151Kb / 2P
   200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
3202 VMI-3202 Datasheet
235Kb / 2P
   200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com