Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP29.07.0070A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FXP29.07.0070A
Description  1920-2170MHz Operation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP29.07.0070A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXP29.07.0070A Datasheet HTML 1Page - Taoglas antenna solutions FXP29.07.0070A Datasheet HTML 2Page - Taoglas antenna solutions FXP29.07.0070A Datasheet HTML 3Page - Taoglas antenna solutions FXP29.07.0070A Datasheet HTML 4Page - Taoglas antenna solutions FXP29.07.0070A Datasheet HTML 5Page - Taoglas antenna solutions FXP29.07.0070A Datasheet HTML 6Page - Taoglas antenna solutions FXP29.07.0070A Datasheet HTML 7Page - Taoglas antenna solutions FXP29.07.0070A Datasheet HTML 8Page - Taoglas antenna solutions FXP29.07.0070A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPE-14-8-030/B/PK | page 3 of 11
3. Antenna Characteristics
3.1 Return Loss
 
 
3.2 Peak Gain
1850
1900
1950
2000
2050
2100
2150
2200
2250 (MHz)
0
-5
-10
-15
-20
-25
-30
FXP29_S11
1870
1920
1970
2020
2070
2120
2170 (MHz)
10
9
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
FXP29_Peak Gain


Similar Part No. - FXP29.07.0070A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP29.07.0070A TAOGLAS-FXP29.07.0070A Datasheet
852Kb / 13P
   2100MHz 3G UMTS/HSPA Band Flexible PCB Antenna
FXP29.07.0070A TAOGLAS-FXP29.07.0070A_17 Datasheet
852Kb / 13P
   2100MHz 3G UMTS/HSPA Band Flexible PCB Antenna
More results

Similar Description - FXP29.07.0070A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3544X PULSE-W3544X Datasheet
2Mb / 19P
   : 824 2170MHz SMD Antenna
logo
Molex Electronics Ltd.
735912087 MOLEX-735912087 Datasheet
304Kb / 1P
   SMSJ ISOLATOR/2110~2170MHZ/CW
2022/03/01
735912088 MOLEX-735912088 Datasheet
304Kb / 1P
   SMSJ ISOLATOR/2110~2170MHZ/CCW
2022/03/01
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2520080T1T WALSIN-RFDIP2520080T1T Datasheet
651Kb / 8P
   1710~2170MHz/2300~2690MHz Working Frequency
logo
Router-switch Ltd.
JG927A ROUTER-SWITCH-JG927A Datasheet
152Kb / 4P
   HPE 1920-48G Switch
logo
Tyco Electronics
EFM-2100 MACOM-EFM-2100 Datasheet
88Kb / 4P
   E-Series Surface Mount Mixer 2110-2170MHz
logo
Pulse A Technitrol Comp...
W3915 PULSE-W3915 Datasheet
1Mb / 12P
   3G 880-960/1710-2170MHz GNSS Antenna
logo
Johanson Technology Inc...
0859DP18A1920 JOHANSON-0859DP18A1920 Datasheet
165Kb / 2P
   859/1920 MHz Diplexer
logo
RF Micro Devices
RFPA2005 RFMD-RFPA2005 Datasheet
793Kb / 9P
   Integrated Power Amplifier Module 1805MHz to 2170MHz
logo
List of Unclassifed Man...
MA413.A.B.002 ETC2-MA413.A.B.002 Datasheet
3Mb / 35P
   LTE 698 to 960MHz/1710 to 2170MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com