Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPWB24150 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # SPWB24150
Description  Portable Radio Antennas
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SPWB24150 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  SPWB24150 Datasheet HTML 1Page - Pulse A Technitrol Company SPWB24150 Datasheet HTML 2Page - Pulse A Technitrol Company SPWB24150 Datasheet HTML 3Page - Pulse A Technitrol Company SPWB24150 Datasheet HTML 4Page - Pulse A Technitrol Company SPWB24150 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
10
www.pulseelectronics.com/products/antennas
note: antennas are not to scale
Portable radio antennas
SPOTS!
sMA F t1
SMA Female flush insulator &
partial skirt (SF Type)
Popular Brands supported
Motorola
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPWB21150
136 - 174
Helical - Standard - 1/4
λ
6.75”
SPHL21156
150 - 162
Helical - Standard - 1/4
λ
8”
SPHS21156
152 - 160
Helical - Short - 1/4
λ
4”
SPHL21167
160 - 174
Helical - Standard - 1/4
λ
8”
SPHS21167
162 - 172
Helical - Short - 1/4
λ
4”
SPWH21450
425 - 475
Whip - Standard - 1/4
λ
6”
SPHS21450
432 - 468
Helical - Short - 1/4
λ
3”
SPHS21490
475 - 512
Helical - Short - 1/4
λ
3”
SPWH21832
782 - 882
Whip - Standard - 1/4
λ
3”
SPHS21832
800 - 864
Helical - Short - 1/4
λ
2.75”
SPWH21918
863 - 973
Whip - Standard - 1/4
λ
3”
SPHS21918
872 - 954
Helical - Short - 1/4
λ
2.75”
SPHL21FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH21FT
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
sMA FeMALe - nOn stAnDArD MOtOrOLA tyPe (sF tyPe)
cODe 21
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPWH20832
782 - 882
Whip - Standard - 1/4
λ
3”
SPHS20832
800 - 864
Helical - Short - 1/4
λ
2.75”
SPWH20918
863 - 973
Whip - Standard - 1/4
λ
3”
SPHS20918
872 - 954
Helical - Short - 1/4
λ
2.75”
SPHL20FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH20FT
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
sMA MALe stAnDArD - eXtenDeD BAse - t1 (sMs tyPe)
cODe 20
sMA MALe t1
SMA Male extended base
(SMS Type)
Popular Brands supported
Standard
tnc-s
TNC Coaxial connector fully
skirted (TNX type)
Popular Brands supported
Vertex
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPHL18FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH18FT
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
tnc cOnnectOr - cOvereD (tnX tyPe)
cODe 18


Similar Part No. - SPWB24150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPWB24150 PULSE-SPWB24150 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
More results

Similar Description - SPWB24150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
logo
NXP Semiconductors
D1875 PHILIPS-D1875 Datasheet
223Kb / 4P
   portable radio
03-1987
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
Mitsubishi Electric Sem...
RA07N4452M MITSUBISHI-RA07N4452M Datasheet
61Kb / 9P
   440-520MHz 7.5W 9.6V PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M Datasheet
60Kb / 9P
   400-470MHz 7W 7.2V PORTABLE RADIO
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
logo
Silan Microelectronics ...
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com