Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6714 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6714
Description  Wideband Video Op Amp; Single, Single with Shutdown and Quad
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6714 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6714 Datasheet HTML 7Page - National Semiconductor (TI) LMH6714 Datasheet HTML 8Page - National Semiconductor (TI) LMH6714 Datasheet HTML 9Page - National Semiconductor (TI) LMH6714 Datasheet HTML 10Page - National Semiconductor (TI) LMH6714 Datasheet HTML 11Page - National Semiconductor (TI) LMH6714 Datasheet HTML 12Page - National Semiconductor (TI) LMH6714 Datasheet HTML 13Page - National Semiconductor (TI) LMH6714 Datasheet HTML 14Page - National Semiconductor (TI) LMH6714 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Section (Continued)
WIDE BAND DIGITAL PROGRAMMABLE GAIN AMPLIFIER (LMH6720 ONLY)
As shown in Figure 6 and Figure 7 the LMH6720 can be
used to construct a digitally controlled programmable gain
amplifier. Each amplifier is configured to provide a digitally
selectable gain. To provide for accurate gain settings, 1% or
better tolerance is recommended on the feedback and gain
resistors. The gain provided by each digital code is arbitrary
through selection of the feedback and gain resistor values.
AMPLITUDE EQUALIZATION
Sending signals over coaxial cable greater than 50 meters in
length will attenuate high frequency signal components
much more than lower frequency components. An equalizer
can be made to pre emphasize the higher frequency com-
ponents so that the final signal has less distortion. This
process can be done at either end of the cable. The circuit in
Figure 8 shows a receiver with some additional components
in the feedback loop to equalize the incoming signal. The RC
networks peak the signal at higher frequencies. This peaking
is a piecewise linear approximation of the inverse of the
frequency response of the coaxial cable. Figure 9 shows the
effect of this equalization on a digital signal that has passed
through 150 meters of coaxial cable. Figure 10 shows a
Bode plot of the frequency response of the circuit in Figure 8
along with equations needed to design the pole and zero
frequencies. Figure 11 shows a network analyzer plot of an
LMH6714/6720/6722 with the following component values:
R
G = 309
R1 = 450
C1 = 470pF
R2=91
C2 = 68pF
20056519
FIGURE 6. Wideband Digitally Controlled Programmable Gain Amplifier
Channel Switching
20056520
FIGURE 7. PGA Output
www.national.com
11


Similar Part No. - LMH6714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6714 TI1-LMH6714 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6714 TI-LMH6714 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714MA TI1-LMH6714MA Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6714MA TI-LMH6714MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6720MA TI-LMH6720MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com