Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMGP-6445 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMGP-6445
Description  ESD protection all ports above 50 V MM and 250 V HBM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMGP-6445 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMGP-6445 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMGP-6445 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMGP-6445 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMGP-6445 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMGP-6445 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMGP-6445 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMGP-6445 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMGP-6445 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMGP-6445 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ELECTRICAL SPECIFICATIONS
Table 1. Absolute Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Min.
Max.
Unit
Drain Supply Voltage
Vd1
5.5
V
Vd2
Gate Voltage
Vg1
-2
0
V
Vg2
Totel Gate Current
Ig1
-3
mA
Ig, total = Ig1 + Ig2 Ig, total occurs at
highest RF Pout condition.
Ig2
RF Input Power (Pin)
RFIN
20
dBm
CW
Powe Dissipation (Pd)
4
W
Pd = Vd1 x Id1 + Vd2 x Id2 + Pin – Pout
Channel Temperature
150
°C
Storage Temperature
-65
150
°C
Table 2. Recommended Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Drain Supply Voltage
Vd1
4.7 [1]
V
Vd2
4.4
Gate Supply Voltage
Vg1
-0.83
-0.63
-0.43
V
Vg2
Quiescent Drain Supply
Current (Idq)
Vd1
200 [2]
mA
Idq = Id1 + Id2
Vd2
560
RF Output Power (Pout)
RFOUT
28
30
dBm
CW
Frequency Range
40.5
43.5
GHz
Thermal Resistance,
ch-b
13
°C/W
Channel to board
Case Temperature
-40
+85
°C
ESD
Human Body Model
250
V
Machine Model
50
V
Notes:
1. Not recommend to operate below that this voltage level; otherwise, the amplifier may enter instability.
2. Not recommend to operate above that this current level; otherwise, the amplifier may enter instability.


Similar Part No. - AMGP-6445

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6445-BLKG BOARDCOM-AMGP-6445-BLKG Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6445-TR1G BOARDCOM-AMGP-6445-TR1G Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6445-TR2G BOARDCOM-AMGP-6445-TR2G Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
More results

Similar Description - AMGP-6445

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3243-EP TI1-MAX3243-EP_16 Datasheet
793Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243 TI-MAX3243_06 Datasheet
299Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD (HBM) PROTECTION
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238_10 Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3238E TI-SN65C3238E_07 Datasheet
384Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238 Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
logo
ON Semiconductor
ESDU3121 ONSEMI-ESDU3121 Datasheet
290Kb / 6P
   12 V Unidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 1
NSPU3051 ONSEMI-NSPU3051 Datasheet
391Kb / 7P
   5.5 V Unidirectional ESD and Surge Protection Device
December, 2020 ??Rev. 4
logo
Texas Instruments
MAX3243 TI-MAX3243_09 Datasheet
489Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH - 15-kV ESD (HBM) PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com