Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-2506-TR2G Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-2506-TR2G
Description  Low component count
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-2506-TR2G Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-2506-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-2506-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-2506-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-2506-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-2506-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-2506-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-2506-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-2506-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-2506-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
ALM-2506 Typical Noise Parameters, VDD = 2.85V, IDS = 8mA
Freq GHz
Fmin dB
optMag.
optAng.
Rn/50
NF @ 50 dB
0.5
0.53
0.64
13.8
0.41
1.46
0.9
0.65
0.69
32.2
0.28
1.07
1.5
0.8
0.71
47.4
0.24
1.22
1.7
0.82
0.69
58.1
0.22
1.14
2
0.91
0.68
59.5
0.23
1.1
2.4
0.93
0.64
71.3
0.27
1.72
3
1.21
0.52
99.2
0.16
1.45
3.5
1.33
0.44
135.8
0.12
1.6
4
1.69
0.35
161.3
0.08
1.27
4.5
1.73
0.31
171.3
0.06
1.47
5
1.82
0.32
-179.6
0.06
1.65
5.5
1.98
0.34
-171.2
0.08
2.16
5.8
2.37
0.43
-174.8
0.14
2.88
Part Number Ordering Information
Part Number
No. of Devices
Container
ALM-2506-BLKG
100
antistatic bag
ALM-2506-TR1G
3000
7” Reel
ALM-2506-TR2G
10000
13” Reel
Package Dimensions
2.00 ± 0.10
2.00 ± 0.10
1.10 ± 0.10
Top View
Side View
PIN 1
BY
WW
(4X) 0.65
0.62
R 0.15
(6X) 0.36
1.66
(6X) 0.10
(6X) 0.43
(3X) 0.94
Bottom View
6
4
PIN 1
3


Similar Part No. - ALM-2506-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-2506-TR2G BOARDCOM-ALM-2506-TR2G Datasheet
128Kb / 9P
   GPS Low Noise Amplifi er Variable Current/Shutdown Function
More results

Similar Description - ALM-2506-TR2G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
   Low component count
June 2012 Rev 1
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1712 AVAGO-ALM-1712 Datasheet
288Kb / 17P
   Low external component count
ALM-1912 AVAGO-ALM-1912 Datasheet
823Kb / 17P
   Low external component count
logo
IK Semicon Co., Ltd
IL2418 IKSEMICON-IL2418 Datasheet
276Kb / 4P
   Low external component count
IL6840A IKSEMICON-IL6840A Datasheet
211Kb / 5P
   Low external component count
logo
Sipex Corporation
SP1204 SIPEX-SP1204 Datasheet
379Kb / 4P
   Component count summary
logo
Intersil Corporation
ISL9222A INTERSIL-ISL9222A Datasheet
129Kb / 8P
   High Input Voltage Charger Low Component Count and Cost
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com