Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-1912 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-1912
Description  Low external component count
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-1912 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-1912 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-1912 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-1912 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-1912 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-1912 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-1912 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-1912 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-1912 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-1912 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Electrical Specifications
TA = 25°C, Freq = 1.575GHz, measured on demo board[1] unless otherwise specified – Typical Performance[1]
Table 1. Performance at Vdd = Vsd = 2.7V, Idd = 6mA (R2 = 4.7k Ohm, see Fig 7) nominal operating conditions
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
G
Gain
dB
17
19.3
NF
Noise Figure
dB
1.62
2.0
IP1dB
Input 1dB Compressed Power
dBm
-8
IIP3[2]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
+1.5
S11
Input Return Loss
dB
-9.5
S22
Output Return Loss
dB
-13.5
S12
Reverse Isolation
dB
-29
Cell Band Rejection
Worst-case relative to 1.575GHz within (827-928)MHz band
dBc
51
57
PCS Band Rejection
Worst-case relative to 1.575GHz within (1710-1980)MHz band
dBc
45
53
WLAN Band Rejection Worst-case relative to 1.575GHz within (2400-2500)MHz band
dBc
43
52
IP1dB928MHz
Input 1dB gain compression interferer signal level at 928MHz
dBm
+39
IP1dB1980MHz
Input 1dB gain compression interferer signal level at 1980MHz
dBm
+44
IP1dB2400MHz
Input 1dB gain compression interferer signal level at 2400MHz
dBm
+43
Idd
Supply DC current at Shutdown (SD) voltage Vsd=2.7V
mA
6
11.5
Ish
Shutdown Current @ VSD = 0V
uA
0.5
Table 2. Performance at Vdd = Vsd = 1.8V, Idd = 4mA & Vdd = Vsd = 2.8V, Idd = 4mA (for R2 value, see Fig 7) nominal operating
conditions
Symbol
Parameter and Test Condition
Units
Vdd=1.8V
Idd=4mA
Vdd=2.8V
Idd=4mA
G
Gain
dB
17.5
18
NF
Noise Figure
dB
1.68
1.65
IP1dB
Input 1dB Compressed Power
dBm
-9.6
-9.5
IIP3[2]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
0
+1.0
S11
Input Return Loss
dB
-8
-8.5
S22
Output Return Loss
dB
-10
-10
S12
Reverse Isolation
dB
-27
-27
Cell Band Rejection
Worst-case relative to 1.575GHz within (827-928)MHz band
dBc
56
55
PCS Band Rejection
Worst-case relative to 1.575GHz within (1710-1980)MHz band
dBc
52
51
WLAN Band Rejection
Worst-case relative to 1.575GHz within (2400-2500)MHz band
dBc
51
50
IP1dB928MHz
Input 1dB gain compression interferer signal level at 928MHz
dBm
+38
+38
IP1dB1980MHz
Input 1dB gain compression interferer signal level at 1980MHz
dBm
+38
+38
IP1dB2400MHz
Input 1dB gain compression interferer signal level at 2400MHz
dBm
+39
+39
Idd
Supply DC current at Shutdown (SD) voltage Vsd=1.8V
mA
4
4
Ish
Shutdown Current @ VSD = 0V
uA
0.5
0.5
Notes:
1. Measurements at 1.575GHz obtained using schematic described in Figure 7 & 8 below.
2. 1.575GHz IIP3 test condition: FRF1 = 1572.5 MHz, FRF2 = 1577.5 MHz with input power of -30dBm per tone measured at the worst case side band


Similar Part No. - ALM-1912

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1912 BOARDCOM-ALM-1912 Datasheet
823Kb / 17P
   GPS Filter?밚NA Front?밇nd Module
ALM-1912-BLKG BOARDCOM-ALM-1912-BLKG Datasheet
823Kb / 17P
   GPS Filter?밚NA Front?밇nd Module
ALM-1912-TR1G BOARDCOM-ALM-1912-TR1G Datasheet
823Kb / 17P
   GPS Filter?밚NA Front?밇nd Module
More results

Similar Description - ALM-1912

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1712 AVAGO-ALM-1712 Datasheet
288Kb / 17P
   Low external component count
logo
IK Semicon Co., Ltd
IL2418 IKSEMICON-IL2418 Datasheet
276Kb / 4P
   Low external component count
IL6840A IKSEMICON-IL6840A Datasheet
211Kb / 5P
   Low external component count
logo
STMicroelectronics
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
   Low component count
June 2012 Rev 1
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2506 AVAGO-ALM-2506 Datasheet
128Kb / 9P
   Low component count
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
logo
Sipex Corporation
SP1204 SIPEX-SP1204 Datasheet
379Kb / 4P
   Component count summary
logo
Intersil Corporation
ISL9222A INTERSIL-ISL9222A Datasheet
129Kb / 8P
   High Input Voltage Charger Low Component Count and Cost
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com