Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFEM-S102 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFEM-S102
Description  Minimum 29 dB TX - RX Port Isolation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFEM-S102 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFEM-S102 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Table 1. Absolute Maximum and Minimum Ratings
Parameter
Performance
Comments
Min.
Max.
Unit
Maximum Control Voltage
10
V
All Control Pins
Maximum Input Power (CW)
33
dBm
TX Port
MSL
MSL3
Storage Temperature
-65
150
ºC
Operation Temperature
-30
85
ºC
ESD (HBM)
300
V
ESD (MM)
90
V
Table 2. Recommended Operating Range
Parameter
Performance
Comments
Min.
Typical
Max.
Unit
Control Voltage
Vhigh
2.75
3.0
6.0
V
SW0, SW1, per control pin
Control Current
Ihigh
20
A
Control Voltage
Vlow
0
0.1
V
Control Current
Ilow
10
A
Control Voltage
Vhigh
2.45
3.0
6.0
V
SW2 only
Control Current
Ihigh
20
A
Control Voltage
Vlow
0
0.1
V
Control Current
Ilow
10
A
Case Temperature
-30
85
ºC
RF Input Power
TX Path
24
dBm
Table 3. RF Electrical Characteristics
All data measured on an FR4 demo board at Tc = 25°C, 50
 at all ports. Unless otherwise specified, all data is taken with
CW signal
Parameter
Performance
Comments
Min.
Typical
Max.
Unit
Pass-Band Frequency
Range
2403
2493
MHz
Return Loss
10
dB
All RF ports
Average Insertion
Loss Over 18 MHz
Bandwidth
Ch 1 – 13
RX – ANT
25° C
2.1
2.5
dB
* Ch 14 IL 2.6dB
85° C
2.9
85° C Performance
Guaranteed by Design
TX – ANT
25° C
2.1
2.6
dB
* Ch 14 IL 2.7dB
85° C
3
85° C Performance
Guaranteed by Design
BT Path Insertion
Loss
(2402 – 2480 MHz)
BT – ANT
25° C
1.8
2.7
dB
85° C
3
85° C Performance
Guaranteed by Design


Similar Part No. - AFEM-S102

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFEM-S102 BOARDCOM-AFEM-S102 Datasheet
174Kb / 12P
   2.5 GHz WiFi/BT FEM
AFEM-S102-BLKG BOARDCOM-AFEM-S102-BLKG Datasheet
174Kb / 12P
   2.5 GHz WiFi/BT FEM
logo
AVAGO TECHNOLOGIES LIMI...
AFEM-S102-TR1G AVAGO-AFEM-S102-TR1G Datasheet
174Kb / 12P
   AFEM-S102 2.5 GHz WiFi/BT FEM
logo
Broadcom Corporation.
AFEM-S102-TR1G BOARDCOM-AFEM-S102-TR1G Datasheet
174Kb / 12P
   2.5 GHz WiFi/BT FEM
More results

Similar Description - AFEM-S102

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG110-AMX2NXLF HALO-TG110-AMX2NXLF Datasheet
477Kb / 2P
   SMD Quad Port 10/100BASE-TX Isolation Modules
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Qorvo, Inc
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
   B41W Tx/Rx Filter
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
   Band 41 Tx / Rx Filter
March 5, 2018
logo
Radiometrix Ltd
ENT1 RADIOMETRIX-ENT1_14 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
logo
Qorvo, Inc
TQQ0041T QORVO-TQQ0041T Datasheet
701Kb / 8P
   Band 41 Tx/Rx Filter
logo
Radiometrix Ltd
ENR1 RADIOMETRIX-ENR1 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
logo
HALO Electronics, Inc.
TG110-S050P2RL HALO-TG110-S050P2RL Datasheet
389Kb / 2P
   SMD Single Port Low Profile 10/100BASE-TX Isolation Modules
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
logo
KR Electronics, Inc.
3070 KR-3070 Datasheet
60Kb / 3P
   200 MHz minimum 3 dB BW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com