Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7833-TR1 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7833-TR1
Description  Dynamic bias control for low midpower Idd
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7833-TR1 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7833-TR1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-TR1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Electrical Characterization Information
All tests are done in 50
Ω system at Vdd1=Vdd2=Vbias = 3.4V, 25°C, unless noted otherwise.
Parameter
Units
Min
Typ
Max
Comments
PCS CDMA
Frequency Range
MHz
1850
1910
Gain (Fixed Cntl Voltage)
Pout = 28.5 dBm
dB
25.5
27.5
29.5
Vcntl= 2.5V
Pout = 16 dBm
24
26
28
Vcntl= 1.8V
Power Added Efficiency
Pout = 28.5 dBm
%
38
40
Vcntl= 2.5V
Pout = 16 dBm
%
7.5
8.5
Vcntl= 1.8V
Total Supply Current
mA
520
550
Pout = 28.5 dBm, Vcntl= 2.5V
mA
135
156
Pout =16 dBm, Vcntl= 1.8V
mA
31
Pout = -5 dBm, Vcntl = 1.2V
ACPR @ ± 1.25 MHz offset
dBc/30 kHz
-45
-48
Pout - 28.5 dBm
ACPR @ ± 1.98 MHz offset
dBc/30 kHz
-53
-55
Pout - 28.5 dBm
Quiescent Current
mA
62
80
Pout - 28.5 dBm, Vcntl= 2.5V
mA
47
60
Vcntl = 1.8V
mA
25
Vcntl = 1.2V
Vcntl Current
mA
2.0
2.7
Vcntl = 2.5V
Input VSWR (Pout = 28.5 dBm)
2.0:1
Noise Figure
dB
4.5
Noise Power @ 80 MHz offset in 1930– 1990 MHz
dBm/Hz
-141
-138
Stability (Spurious): Load VSWR 5:1
dBc
-50
All phases
Harmonic Suppression: 2Fo
dBc
-30
-38


Similar Part No. - ACPM-7833-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACPM-7833-TR1 HP-ACPM-7833-TR1 Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7833-TR1 BOARDCOM-ACPM-7833-TR1 Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
More results

Similar Description - ACPM-7833-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Infineon Technologies A...
BCR400 INFINEON-BCR400 Datasheet
94Kb / 3P
   Application Considerations for the Integrated Bias Control Circuits
2000-07-27
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Gennum Corporation
GX4002 GENNUM-GX4002 Datasheet
3Mb / 74P
   Dynamic on-chip power management control
logo
Feature Integration Tec...
F75122R FINTEK-F75122R Datasheet
765Kb / 35P
   Dynamic VID Control 8 GPIO Datasheet
F75121 FINTEK-F75121 Datasheet
937Kb / 45P
   Dynamic VID Control 8 GPIO Datasheet
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E_02 Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
logo
Hamamatsu Corporation
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com